Electronic Components Datasheet Search
  English  ▼

X  

LM3560 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 24Page - Texas Instruments LM3560 Datasheet HTML 25Page - Texas Instruments LM3560 Datasheet HTML 26Page - Texas Instruments LM3560 Datasheet HTML 27Page - Texas Instruments LM3560 Datasheet HTML 28Page - Texas Instruments LM3560 Datasheet HTML 29Page - Texas Instruments LM3560 Datasheet HTML 30Page - Texas Instruments LM3560 Datasheet HTML 31Page - Texas Instruments LM3560 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
R/W
Bit 0
1
Bit 1
1
Bit 2
0
Bit 3
0
Bit 4
1
Bit 5
1
Bit 7
0
Bit 6
MSB
LSB
I
2
C Slave Address (chip address)
tRISE
tFALL
70%
30%
70%
30%
tFALL
70%
30%
tRISE
70%
30%
tHD;STA
1/fSCL
tHD;DAT
tSU;DAT
tHIGH
tLOW
tVD;DAT
70%
30%
9
th Clock
Pulse
Start
Stop
tSU;STA
tHD;STA
tVD;ACK
9
th Clock
Pulse
70%
30%
tSU;STO
tBUF
Start
Repeated
Start
70%
70%
70%
30%
30%
70%
30%
70%
70%
30%
70%
SCL
SDA
SDA
(Continued)
SCL
(Continued)
30%
LM3560
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
www.ti.com
Figure 42. I2C-Compatible Timing
I2C-COMPATIBLE CHIP ADDRESS
The device address for the LM3560 is 1010011 (0xA7 for read and 0xA6 for write). After the START condition,
the I2C master sends the 7-bit address followed by an eighth read or write bit (R/W). R/W = 0 indicates a WRITE
and R/W = 1 indicates a READ. The second byte following the device address selects the register address to
which the data will be written. The third byte contains the data for the selected register.
Figure 43. Device Address
28
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com