Electronic Components Datasheet Search
  English  ▼

X  

LM3560 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 6Page - Texas Instruments LM3560 Datasheet HTML 7Page - Texas Instruments LM3560 Datasheet HTML 8Page - Texas Instruments LM3560 Datasheet HTML 9Page - Texas Instruments LM3560 Datasheet HTML 10Page - Texas Instruments LM3560 Datasheet HTML 11Page - Texas Instruments LM3560 Datasheet HTML 12Page - Texas Instruments LM3560 Datasheet HTML 13Page - Texas Instruments LM3560 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
LM3560
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(VIN = 3.6V, COUT = 10 µF, CIN = 10 µF, L = 1µH (TOKO FDSD0312-1R0, RL = 43 mΩ), TA = 25°C, ILED = ILED1 + ILED2,
unless otherwise noted).
Shutdown Supply Current vs VIN
HWEN = GND
STROBE to Flash LED Current Response
Figure 17.
Figure 18.
VIN Monitor Operation
Vin Flash Monitor Operation
VIN_TH = 3.2V
VIN_FLASH_TH = 3.2V
Force Torch Mode, TX2 set for Interrupt Output (INT)
TX2 set for Interrupt Output (INT)
Circuit of Figure 37 (Note B)
Circuit of Figure 37 (Note A)
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com