Electronic Components Datasheet Search
  English  ▼

X  

LM3560 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3560
Description  Synchronous Boost Flash Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3560 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3560 Datasheet HTML 8Page - Texas Instruments LM3560 Datasheet HTML 9Page - Texas Instruments LM3560 Datasheet HTML 10Page - Texas Instruments LM3560 Datasheet HTML 11Page - Texas Instruments LM3560 Datasheet HTML 12Page - Texas Instruments LM3560 Datasheet HTML 13Page - Texas Instruments LM3560 Datasheet HTML 14Page - Texas Instruments LM3560 Datasheet HTML 15Page - Texas Instruments LM3560 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
VOVP
PWM
Control
Thermal
Shutdown
+150
oC
IN
VREF
I
2
C
Interface
Error
Amplifier
Slope
Compensation
SDA
SCL
Control
Logic/
Registers
GND
OUT
LED1
LED2
LEDI/ NTC
TX2/ INT/
GPIO2
STROBE
TX1/TORCH/
GPIO1
HWEN
SW
Max
VLED
65 m?
80 m?
Over Voltage
Comparator
1V
ILEDI
ILED2
ILED1
Soft-Start
ADC
4 Bits
2 MHz
Oscillator
VIN Monitor
Threshold
VIN Flash
Monitor
Threshold
VHR
Current Sense/
Current Limit
LM3560
SNOSB43B – SEPTEMBER 2011 – REVISED AUGUST 2013
www.ti.com
BLOCK DIAGRAM
12
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com