Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  TFP401x TI PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 14Page - Texas Instruments TFP401APZP Datasheet HTML 15Page - Texas Instruments TFP401APZP Datasheet HTML 16Page - Texas Instruments TFP401APZP Datasheet HTML 17Page - Texas Instruments TFP401APZP Datasheet HTML 18Page - Texas Instruments TFP401APZP Datasheet HTML 19Page - Texas Instruments TFP401APZP Datasheet HTML 20Page - Texas Instruments TFP401APZP Datasheet HTML 21Page - Texas Instruments TFP401APZP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
10.2.2 Detailed Design Procedure
10.2.2.1 Data and Control Signals
The trace length of data and control signals out of the receiver should be kept as close to equal as possible.
Trace separation should be ~5X Height. As a general rule, traces also should be less than 2.8 inches if possible
(longer traces can be acceptable).
Delay = 85 × SQRT ER
where
•
ER = 4.35
•
Relative permittivity of 50% resin FR-4 @ 1 GHz
•
Delay = 177 pS/inch
(1)
Length of rising edge = TR(picoseconds) ÷ Delay
where
•
TR = 3 nS
•
= 3000 ps ÷ 177 ps per inch
•
= 16.9 inches
(2)
Length of rising edge ÷ 6 = Max length of trace for lumped circuit
where
•
16.9 ÷ 6 = 2.8 inches
(3)
Figure 19. Data and Control Signals Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com