Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  TFP401x TI PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 11Page - Texas Instruments TFP401APZP Datasheet HTML 12Page - Texas Instruments TFP401APZP Datasheet HTML 13Page - Texas Instruments TFP401APZP Datasheet HTML 14Page - Texas Instruments TFP401APZP Datasheet HTML 15Page - Texas Instruments TFP401APZP Datasheet HTML 16Page - Texas Instruments TFP401APZP Datasheet HTML 17Page - Texas Instruments TFP401APZP Datasheet HTML 18Page - Texas Instruments TFP401APZP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
HSYNC Shift by
± 1 Clock
ODCK
HSYNC IN
DE
HSYNC OUT
15
TFP401, TFP401A
www.ti.com
SLDS120G – MARCH 2000 – REVISED MAY 2016
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Figure 17. HSYNC Regeneration Timing Diagram
9.4 Device Functional Modes
9.4.1 TFP401/401A Modes of Operation
The TFP401/401A provides system design flexibility and value by providing the system designer with
configurable options or modes of operation to support varying system architectures. Table 2 outlines the various
panel modes that can be supported, along with appropriate external control pin settings.
Table 2. TFP401/401A Modes of Operation
PANEL
PIXEL RATE
ODCK LATCH EDGE
ODCK
DFO
PIXS
OCK_INV
TFT or 16-bit DSTN
1 pix/clock
Falling
Free run
0
0
0
TFT or 16-bit DSTN
1 pix/clock
Rising
Free run
0
0
1
TFT
2 pix/clock
Falling
Free run
0
1
0
TFT
2 pix/clock
Rising
Free run
0
1
1
24-bit DSTN
1 pix/clock
Falling
Gated low
1
0
0
NONE
1 pix/clock
Rising
Gated low
1
0
1
24-bit DSTN
2 pix/clock
Falling
Gated low
1
1
0
24-bit DSTN
2 pix/clock
Rising
Gated low
1
1
1
9.4.2 TFP401/401A Output Driver Configurations
The TFP401/401A provides flexibility by offering various output driver features that can be used to optimize
power consumption, ground bounce, and power-supply noise. The following sections outline the output driver
features and their effects.
9.4.2.1 Output Driver Power Down
(PDO = low). Pulling PDO low places all the output drivers, except CTL1 and SCDT, into a high-impedance state.
The SCDT output, which indicates link-disabled or link-inactive, can be tied directly to the PDO input to disable
the output drivers when the link is inactive or when the cable is disconnected. An internal pullup on the PDO pin
defaults the TFP401/401A to the normal nonpower-down output drive mode if left unconnected.
9.4.2.2 Drive Strength
(ST = high for high drive strength, ST = low for low drive strength). The TFP401/401A allows for selectable
output drive strength on the data, control, and ODCK outputs. See the DC Electrical Characteristics table for the
values of IOH and IOL current drives for a given ST state. The high output drive strength offers approximately two
times the drive as the low-output drive strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com