Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  TFP401x TI PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 18Page - Texas Instruments TFP401APZP Datasheet HTML 19Page - Texas Instruments TFP401APZP Datasheet HTML 20Page - Texas Instruments TFP401APZP Datasheet HTML 21Page - Texas Instruments TFP401APZP Datasheet HTML 22Page - Texas Instruments TFP401APZP Datasheet HTML 23Page - Texas Instruments TFP401APZP Datasheet HTML 24Page - Texas Instruments TFP401APZP Datasheet HTML 25Page - Texas Instruments TFP401APZP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Layout Guidelines (continued)
12.1.2 Routing High-Speed Differential Signal Traces (RxC–, RxC+, Rx0–, Rx0+, Rx1–, Rx1+, Rx2–, Rx2+)
Trace impedance should be controlled for optimal performance. Each differential pair should be equal in length
and symmetrical and should have equal impedance to ground with a trace separation of 2X to 4X Height. A
differential trace separation of 4X Height yields about 6% cross-talk (6% effect on impedance). It is
recommended that differential trace routing should be side by side, though it is not important that the differential
traces be tightly coupled together because tight coupling is not achievable on PCB traces. Typical ratios on
PCBs are only 20-50%, and 99.9% is the value of a well-balanced twisted pair cable.
Each differential trace should be as short as possible (<2" preferably) with no 90" angles. These high-speed
transmission traces should be on Layer 1 (top layer). RxC–, RxC+, Rx0–, Rx0+, Rx1–, Rx1+, Rx2–, Rx2+ signals
all route directly from the DVI connector pins to the device, no external components are needed.
12.1.3 DVI Connector
Clear-out holes for connector pins should leave space between pins to allow continuous ground through the pin
field. Allow enough spacing in ground plane around signal pins vias however, keep enough copper between vias
to allow for ground current to flow between the vias. Avoid creating a large ground plane slot around the entire
connector, minimizing the via capacitance is the goal.
12.2 Layout Example
DVI connector trace matching:
Figure 25. DVI Connector Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com