Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  TFP401x TI PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 22Page - Texas Instruments TFP401APZP Datasheet HTML 23Page - Texas Instruments TFP401APZP Datasheet HTML 24Page - Texas Instruments TFP401APZP Datasheet HTML 25Page - Texas Instruments TFP401APZP Datasheet HTML 26Page - Texas Instruments TFP401APZP Datasheet HTML 27Page - Texas Instruments TFP401APZP Datasheet HTML 28Page - Texas Instruments TFP401APZP Datasheet HTML 29Page - Texas Instruments TFP401APZP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
TI PowerPAD 100-TQFP Package (continued)
(1)
Specified with 2-oz. (0.071 mm thick) Cu PCB plating
(2)
Airflow is at 0 LFM (0 m/s) (no airflow).
(3)
Measured at ambient temperature, TA = 70°C
Table 5. TI 100-TQFP (14 mm × 14 mm × 1 mm) / 0.5-mm Lead Pitch
PARAMETER
WITHOUT
PowerPAD™
Package
PowerPAD™ Package,
NOT CONNECTED TO PCB
THERMAL PLANE
PowerPAD™ Package,
CONNECTED TO PCB
THERMAL PLANE(1)
Theta-JA(1)(2)
45°C/W
27.3°C/W
17.3°C/W
Theta-JC(1)(2)
3.11°C/W
0.12°C/W
0.12°C/W
Maximum power dissipation(1)(2)(3)
1.6 W
2.7 W
4.3 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com