Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  TFP401x TI PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 10Page - Texas Instruments TFP401APZP Datasheet HTML 11Page - Texas Instruments TFP401APZP Datasheet HTML 12Page - Texas Instruments TFP401APZP Datasheet HTML 13Page - Texas Instruments TFP401APZP Datasheet HTML 14Page - Texas Instruments TFP401APZP Datasheet HTML 15Page - Texas Instruments TFP401APZP Datasheet HTML 16Page - Texas Instruments TFP401APZP Datasheet HTML 17Page - Texas Instruments TFP401APZP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AVCC
AVCC – 1/2 VIDIFF
1/2 VIDIFF
a) Single-Ended Input Signal
+1/2 VIDIFF
–1/2 VIDIFF
VIDIFF
b) Differential Input Signal
_
+
Internal Termination
at 50 W
AVDD
DVI Compliant Cable
DATA
DATA
TI TFP401/401A
Receiver
DVI
Transmitter
Current
Source
14
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Figure 15. TMDS Differential Input and Transmitter Connection
Figure 16. TMDS Inputs
9.3.4 TFP401A Incorporates HSYNC Jitter Immunity
Several DVI transmitters available in the market introduce jitter on the transmitted HSYNC and VSYNC signals
during the TMDS encryption process. The HSYNC signal can shift by one pixel position (one clock) from nominal
in either direction, resulting in up to two cycles of HSYNC shift. This jitter carries through to the DVI receiver, and
if the position of HSYNC shifts continuously, the receiver can lose track of the input timing, causing pixel noise to
occur on the display. For this reason, a DVI-compliant receiver with HSYNC jitter immunity should be used in all
displays that could be connected to host PCs with transmitters that have this HSYNC jitter problem.
The TFP401A integrates HSYNC regeneration circuitry that provides a seamless interface to these noncompliant
transmitters. The position of the data enable (DE) signal is always fixed in relation to data, irrespective of the
location of HSYNC. The TFP401A receiver uses the DE and clock signals to recreate stable vertical and
horizontal sync signals. The circuit filters the HSYNC output of the receiver, and HSYNC is shifted to the nearest
eighth bit boundary, producing a stable output with respect to data, as shown in Figure 17. This ensures accurate
data synchronization at the input of the display timing controller.
This HSYNC regeneration circuit is transparent to the monitor and need not be removed even if the transmitted
HSYNC is stable. For example, the PanelBus line of DVI 1.0 compliant transmitters, such as the TFP6422 and
TFP420, do not have the HSYNC jitter problem. The TFP401A operates correctly with either compliant or
noncompliant transmitters. In contrast, the TFP401 is ideal for customers who have control over the transmit
portion of the design, such as bundled system manufacturers and for internal monitor use (the DVI connection
between monitor and panel modules).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com