Electronic Components Datasheet Search
  English  ▼

X  

TFP401APZP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401APZP
Description  TFP401x TI PanelBus Digital Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TFP401APZP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TFP401APZP Datasheet HTML 6Page - Texas Instruments TFP401APZP Datasheet HTML 7Page - Texas Instruments TFP401APZP Datasheet HTML 8Page - Texas Instruments TFP401APZP Datasheet HTML 9Page - Texas Instruments TFP401APZP Datasheet HTML 10Page - Texas Instruments TFP401APZP Datasheet HTML 11Page - Texas Instruments TFP401APZP Datasheet HTML 12Page - Texas Instruments TFP401APZP Datasheet HTML 13Page - Texas Instruments TFP401APZP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
DFO, ST, PIXS, STAG,
Rx[2:0]+, Rx[2:0]–,
OCK_INV
PD
V
IH
t
p(PDH-V)
twL(PDL_MIN)
PD
VIL
QE[23:0], QO[23:0],
ODCK, DE, CTL[3:1],
HSYNC, VSYNC, SCDT
PD
t
pd(PDL)
V
IL
QE[23:0], QO[23:0],
ODCK, DE, CTL[3:2],
HSYNC, VSYNC
PDO
t
pd(PDOL)
V
IL
50%
V
OH
t
d(st)
ODCK
QE[23:0]
t
ps
50%
Rx+
Rx–
QE[23:0], QO[23:0] DE,
CTL[3:1], HSYNC, VSYNC
V
OH
V
OL
V
OH
V
OL
V
OH
V
OL
V
OH
V
OL
t
(su1)
t
(h1)
t
(h2)
t
(su2)
V
OH
V
OH
V
OL
V
OL
ODCK
OCK_INV
80%
20%
80%
20%
tr2
tf2
ODCK
1/f
ODCK
ODCK
QE[23:0], QO[23:0], DE,
CTK[3:1], HSYNC, VSYNC
20%
80%
80%
20%
t
r1
t
f1
10
TFP401, TFP401A
SLDS120G – MARCH 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: TFP401 TFP401A
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8 Parameter Measurement Information
Figure 2. Rise and Fall Times of Data and Control Signals
Figure 3. Rise and Fall Times of ODCK
Figure 4. ODCK Frequency
Figure 5. Data Setup and Hold Times to Rising and Falling Edges of ODCK
Figure 6. ODCK High to QE[23:0] Staggered Data
Output
Figure 7. Analog Input Intra-Pair Differential Skew
Figure 8. Delay From PD Low to Hi-Z Outputs
Figure 9. Delay From PDO Low to Hi-Z Outputs
Figure 10. Delay From PD Low to High Before
Inputs Are Active
Figure 11. Minimum Time PD Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com