Electronic Components Datasheet Search
  English  ▼

X  

LMV7219M7/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7219M7/NOPB
Description  LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M7/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV7219M7/NOPB Datasheet HTML 1Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 2Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 3Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 4Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 5Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 6Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 7Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 8Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3
LMV7219
www.ti.com
SNOS458I – APRIL 2000 – REVISED JUNE 2016
Product Folder Links: LMV7219
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
5-Pin SC-70 and SOT-23
Packages DCK and DBV
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NUMBER
NAME
1
OUT
O
Output
2
V-
I
Negative Supply
3
+IN
I
Non-inverting input
4
-IN
I
Inverting input
5
V+
I
Positive Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com