Electronic Components Datasheet Search
  English  ▼

X  

LMV7219M7/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7219M7/NOPB
Description  LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M7/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV7219M7/NOPB Datasheet HTML 9Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 10Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 11Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 12Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 13Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 14Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 15Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 16Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
LMV7219
www.ti.com
SNOS458I – APRIL 2000 – REVISED JUNE 2016
Product Folder Links: LMV7219
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Application (continued)
R3 = VCC - VREF /IF
(2)
When VOUT = VCC:
2. Choose a hysteresis band required (VHB).
3. Calculate R1, where R1 = R3 X(VHB/VCC)
4. Choose the trip point for VIN rising. This is the threshold voltage (VTHR) at which the comparator switches from
low to high as VIN rises about the trip point.
5. Calculate R2 as follows:
(3)
6. Verify the trip voltage and hysteresis as follows:
(4)
This method is recommended for additional hysteresis of up to a few hundred millivolts. Beyond that, the
impedance of R3 is low enough to affect the bias string and adjustment of R1 may be also required.
8.2.2.2 Zero-Crossing Detector
The inverting input is connected to ground and the non-inverting input is connected to 100mVp-p signal. As the
signal at the non-inverting input crosses 0 V, the comparator's output Changes State.
Figure 15. Zero-Crossing Detector
8.2.2.3 Threshold Detector
Instead of tying the inverting input to 0 V, the inverting input can be tied to a reference voltage. The non-inverting
input is connected to the input. As the input passes the VREF threshold, the comparator's output changes state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com