Electronic Components Datasheet Search
  English  ▼

X  

LMV7219M7/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7219M7/NOPB
Description  LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M7/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV7219M7/NOPB Datasheet HTML 1Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 2Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 3Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 4Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 5Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 6Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 7Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 8Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
LMV7219
SNOS458I – APRIL 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV7219
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30mA over long term may adversely
affect reliability.
(4)
Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Differential input voltage
± Supply Voltage
Output short circuit duration
See(3)
Supply voltage (V+ - V−)
5.5
V
Soldering information
Infrared or Convection (20 sec)
260
°C
Wave Soldering (10 sec)
260 (lead temp)
°C
Voltage at input/output pins
(V+) + 0.4
(V−)
− 0.4
V
Current at input pin(4)
±10
mA
Maximum junction temperature
150
°C
Storage temperature
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±2000 V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions. Pins listed as ±150 V may actually have higher performance.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±150
(1)
The maximum power dissipation is a function of TJ(MAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/RθJA. All numbers apply for packages soldered directly into a PC board.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltages (V+ - V−)
2.7
5
V
Ambient Temperature(1)
−40
+85
°C
Junction Temperature
125
°C
PCB Temperature
105
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LMV7219
LMV7219
UNIT
DBV (SOT23)
DCK (SC70)
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
209
296
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
170
132
°C/W
RθJB
Junction-to-board thermal resistance
68
76
°C/W
ψJT
Junction-to-top characterization parameter
52
8.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com