Electronic Components Datasheet Search
  English  ▼

X  

LMV7219M7/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7219M7/NOPB
Description  LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M7/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMV7219M7/NOPB Datasheet HTML 1Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 2Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 3Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 4Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 5Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 6Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 7Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 8Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
LMV7219
www.ti.com
SNOS458I – APRIL 2000 – REVISED JUNE 2016
Product Folder Links: LMV7219
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC(1)
LMV7219
LMV7219
UNIT
DBV (SOT23)
DCK (SC70)
5 PINS
5 PINS
ψJB
Junction-to-board characterization parameter
68
75
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30mA over long term may adversely
affect reliability.
(4)
The LMV7219 comparator has internal hysteresis. The trip points are the input voltage needed to change the output state in each
direction. The offset voltage is defined as the average of Vtrip+ and Vtrip−, while the hysteresis voltage is the difference of these two.
6.5 Electrical Characteristics 2.7 V
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = V
+/2, V+ = 2.7 V, V− = 0 V, C
L = 10 pF and RL > 1MΩ to V
−.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
VOS
Input offset voltage
1
6
mV
−40°C ≤ TJ ≤ +85°C and TPCB ≤ 105°C
8
IB
Input bias current
450
950
nA
−40°C ≤ TJ ≤ +85°C and TPCB ≤ 105°C
2000
IOS
Input offset current
50
200
nA
−40°C ≤ TJ ≤ +85°C and TPCB ≤ 105°C
400
CMRR
Common mode rejection ratio
0 V < VCM < 1.50 V
62
85
dB
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
55
PSRR
Power supply rejection ratio
V+ = 2.7 V to 5 V
65
85
dB
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
55
VCM
Input common-voltage range
CMRR > 50 dB
VCC −1.2
VCC −1
V
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
VCC −1.3
−0.2
−0.1
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
0
VO
Output swing high
IL = 4 mA,
VID = 500 mV
VCC −0.3
VCC −0.22
V
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
VCC −0.4
IL = 0.4 mA,
VID = 500 mV
VCC −0.05
VCC −0.02
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
VCC −0.15
Output swing low
IL = −4 mA,
VID = −500 mV
130
200
mV
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
300
IL = −0.4 mA,
VID = −500 mV
15
50
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
150
ISC
Output short circuit current
Sourcing, VO = 0 V
(3)
20
mA
Sinking, VO = 2.7 V
(3)
20
IS
Supply current
No Load
0.9
1.6
mA
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
2.2
VHYST
Input hysteresis voltage
See(4)
7
mV
VTRIP+
Input referred positive trip point
(see Figure 19)
3
8
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com