Electronic Components Datasheet Search
  English  ▼

X  

LMV7219M7/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7219M7/NOPB
Description  LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M7/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV7219M7/NOPB Datasheet HTML 2Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 3Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 4Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 5Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 6Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 7Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 8Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 9Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
LMV7219
SNOS458I – APRIL 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LMV7219
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics 2.7 V (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = V
+/2, V+ = 2.7 V, V− = 0 V, C
L = 10 pF and RL > 1MΩ to V
−.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
(5)
Propagation delay measurements made with 100 mV steps. Overdrive is measured relative to VTrip.
(6)
Propagation Delay Skew is defined as absolute value of the difference between tPDLH and tPDHL.
VTRIP−
Input referred negative trip point (see Figure 19)
−8
−4
mV
tPD
Propagation delay
Overdrive = 5 mV, VCM = 0V
(5)
12
ns
Overdrive = 15 mV, VCM = 0 V
(5)
11
Overdrive = 50 mV, VCM = 0 V
(5)
10
20
tSKEW
Propagation delay skew
See(6)
1
ns
tr
Output rise time
10% to 90%
2.5
ns
tf
Output fall time
90% to 10%
2
ns
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
6.6 Electrical Characteristics 5 V
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = V
+/2, V+ = 5 V, V− = 0 V, C
L = 10 pF and RL > 1 MΩ to V
−.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
VOS
Input offset voltage
1
6
mV
−40°C ≤ TJ ≤ +85°C and TPCB ≤ 105°C
8
IB
Input bias current
500
950
nA
−40°C ≤ TJ ≤ +85°C and TPCB ≤ 105°C
2000
IOS
Input offset current
50
200
nA
−40°C ≤ TJ ≤ +85°C and TPCB ≤ 105°C
400
CMRR
Common mode rejection ratio
0 V < VCM < 3.8 V
65
85
dB
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
55
PSRR
Power supply rejection ratio
V+ = 2.7 V to 5 V
65
85
dB
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
55
VCM
Input common-mode voltage
range
CMRR > 50 dB
VCC −1.2
VCC −1
V
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
VCC −1.3
−0.2
−0.1
V
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
0
VO
Output swing high
IL = 4 mA,
VID = 500 mV
VCC −0.2
VCC −0.13
V
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
VCC −0.3
IL = 0.4 mA,
VID = 500 mV
VCC −0.05
VCC −0.02
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
VCC −0.15
Output swing low
IL = −4 mA,
VID = −500 mV
80
180
mV
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
280
IL = −0.4 mA,
VID = −500 mV
10
50
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com