Electronic Components Datasheet Search
  English  ▼

X  

LMV7219M7/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7219M7/NOPB
Description  LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M7/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV7219M7/NOPB Datasheet HTML 7Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 8Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 9Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 10Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 11Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 12Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 13Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 14Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
LMV7219
www.ti.com
SNOS458I – APRIL 2000 – REVISED JUNE 2016
Product Folder Links: LMV7219
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
LMV7219 is a single supply comparator with internal hysteresis, 7 ns of propagation delay and only 1.1 mA of
supply current.
The LMV7219 has a typical input common mode voltage range of
−0.2 V below the ground to 1 V below Vcc. The
differential input stage is a pair of PNP transistors, therefore, the input bias current flows out of the device. If
either of the input signals falls below the negative common mode limit, the parasitic PN junction formed by the
substrate and the base of the PNP will turn on, resulting in an increase of input bias current.
7.2 Functional Block Diagram
7.3 Feature Description
If one of the inputs goes above the positive common mode limit, the output will still maintain the correct logic
level as long as the other input stays within the common mode range. However, the propagation delay will
increase. When both inputs are outside the common mode voltage range, current saturation occurs in the input
stage, and the output becomes unpredictable.
7.4 Device Functional Modes
The propagation delay does not increase significantly with large differential input voltages. However, large
differential voltages greater than the supply voltage should be avoided to prevent damages to the input stage.
The LMV7219 has a push-pull output. When the output switches, there is a direct path between VCC and ground,
causing high output sinking or sourcing current during the transition. After the transition, the output current
decreases and the supply current settles back to about 1.1 mA at 5 V, thus conserving power consumption.
Most high-speed comparators oscillate when the voltage of one of the inputs is close to or equal to the voltage
on the other input due to noise or undesirable feedback. The LMV7219 has 7 mV of internal hysteresis to counter
parasitic effects and noise. The hysteresis does not change significantly with the supply voltages and the
common mode input voltages as reflected in the specification table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com