Electronic Components Datasheet Search
  English  ▼

X  

LMV7219M7/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7219M7/NOPB
Description  LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M7/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV7219M7/NOPB Datasheet HTML 3Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 4Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 5Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 6Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 7Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 8Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 9Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 10Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
LMV7219
www.ti.com
SNOS458I – APRIL 2000 – REVISED JUNE 2016
Product Folder Links: LMV7219
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics 5 V (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = V
+/2, V+ = 5 V, V− = 0 V, C
L = 10 pF and RL > 1 MΩ to V
−.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30mA over long term may adversely
affect reliability.
(4)
The LMV7219 comparator has internal hysteresis. The trip points are the input voltage needed to change the output state in each
direction. The offset voltage is defined as the average of Vtrip+ and Vtrip−, while the hysteresis voltage is the difference of these two.
(5)
Propagation delay measurements made with 100 mV steps. Overdrive is measured relative to VTrip.
(6)
Propagation Delay Skew is defined as absolute value of the difference between tPDLH and tPDHL.
ISC
Output short circuit current
Sourcing, VO = 0 V
(3)
30
68
mA
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
20
Sinking, VO = 5 V
(3)
30
65
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
20
IS
Supply current
No Load
1.1
1.8
mA
−40°C ≤ TJ ≤ +85°C
and TPCB ≤ 105°C
2.4
VHYST
Input hysteresis voltage
See(4)
7.5
mV
VTrip+
Input referred positive trip point
(See Figure 19)
3.5
8
mV
VTrip−
Input referred negative trip
point
(See Figure 19)
−8
−4
mV
tPD
Propagation delay
Overdrive = 5 mV, VCM = 0 V
(5)
9
ns
Overdrive = 15 mV, VCM = 0 V
(5)
8
20
Overdrive = 50 mV, VCM = 0 V
(5)
7
19
tSKEW
Propagation delay skew
See(6)
0.4
ns
tr
Output rise time
10% to 90%
1.3
ns
tf
Output fall time
90% to 10%
1.25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com