Electronic Components Datasheet Search
  English  ▼

X  

LMV7219M7/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7219M7/NOPB
Description  LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M7/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMV7219M7/NOPB Datasheet HTML 1Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 2Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 3Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 4Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 5Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 6Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 7Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 8Page - Texas Instruments LMV7219M7/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMV7219
SNOS458I – APRIL 2000 – REVISED JUNE 2016
LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
1
1 Features
1
•
(VS = 5 V, TA = 25°C, Typical Values Unless
Specified)
•
Propagation Delay 7 ns
•
Low Supply Current 1.1 mA
•
Input Common Mode Voltage Range Extends
200 mv Below Ground
•
Ideal for 2.7-V and 5-V Single Supply Applications
•
Internal Hysteresis Ensures Clean Switching
•
Fast Rise and Fall Time 1.3 ns
•
Available in Space-saving Packages: SC-70 and
SOT-23
•
Supports 105°C PCB Temperature
2 Applications
•
Portable and Battery-powered Systems
•
Scanners
•
Set Top Boxes
•
High Speed Differential Line Receiver
•
Window Comparators
•
Zero-crossing Detectors
•
High-speed Sampling Circuits
3 Description
The LMV7219 is a low-power, high-speed comparator
with internal hysteresis. The LMV7219 operating
voltage ranges from 2.7 V to 5 V with push-pull rail-
to-rail
output.
This
device
achieves
a
7-ns
propagation delay while consuming only 1.1 mA of
supply current at 5 V.
The LMV7219 inputs have a common mode voltage
range that extends 200 mV below ground, allowing
ground sensing. The internal hysteresis ensures
clean output transitions even with slow-moving inputs
signals.
The LMV7219 is available in the SC-70 and SOT-23
packages, which are ideal for systems where small
size and low power are critical.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMV7219
SC-70 (5)
2.00 mm × 1.25 mm
SOT-23 (5)
2.88 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application


Similar Part No. - LMV7219M7/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7219M7 NSC-LMV7219M7 Datasheet
282Kb / 12P
7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
LMV7219M7 NSC-LMV7219M7 Datasheet
704Kb / 12P
7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
logo
Texas Instruments
LMV7219M7 TI1-LMV7219M7 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
logo
National Semiconductor ...
LMV7219M7X NSC-LMV7219M7X Datasheet
282Kb / 12P
7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
LMV7219M7X NSC-LMV7219M7X Datasheet
704Kb / 12P
7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
More results

Similar Description - LMV7219M7/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7219 NSC-LMV7219 Datasheet
282Kb / 12P
7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
logo
Analog Devices
AD5663 AD-AD5663 Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
4/06-Revision 0
logo
National Semiconductor ...
LMV7219 NSC-LMV7219_04 Datasheet
704Kb / 12P
7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
TLV277X-EP TI1-TLV277X-EP Datasheet
1Mb / 42P
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
17-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com