Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5409 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5409 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 42Page - Texas Instruments TMS320UC5409 Datasheet HTML 43Page - Texas Instruments TMS320UC5409 Datasheet HTML 44Page - Texas Instruments TMS320UC5409 Datasheet HTML 45Page - Texas Instruments TMS320UC5409 Datasheet HTML 46Page - Texas Instruments TMS320UC5409 Datasheet HTML 47Page - Texas Instruments TMS320UC5409 Datasheet HTML 48Page - Texas Instruments TMS320UC5409 Datasheet HTML 49Page - Texas Instruments TMS320UC5409 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
TMS320UC5409
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS101E − APRIL 1999 − REVISED OCTOBER 2008
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory and parallel I/O interface timing
switching characteristics over recommended operating conditions for a memory read
(MSTRB = 0)† (see Figure 16)
PARAMETER
MIN
MAX
UNIT
td(CLKL-A)
Delay time, CLKOUT low to address valid‡
0
3
ns
td(CLKH-A)
Delay time, CLKOUT high (transition) to address valid§
0
3
ns
td(CLKL-MSL)
Delay time, CLKOUT low to MSTRB low
0
3
ns
td(CLKL-MSH)
Delay time, CLKOUT low to MSTRB high
0
3
ns
th(CLKL-A)R
Hold time, address valid after CLKOUT low‡
0
3
ns
th(CLKH-A)R
Hold time, address valid after CLKOUT high§
0
3
ns
† Address, PS, and DS timings are all included in timings referenced as address.
‡ In the case of a memory read preceded by a memory read
§ In the case of a memory read preceded by a memory write
timing requirements for a memory read (MSTRB = 0) [H = 0.5 tc(CO)]† (see Figure 16)
MIN
MAX
UNIT
ta(A)M
Access time, read data access from address valid
2H−10
ns
ta(MSTRBL)
Access time, read data access from MSTRB low
2H−10
ns
tsu(D)R
Setup time, read data before CLKOUT low
4
ns
th(D)R
Hold time, read data after CLKOUT low
0
ns
th(A-D)R
Hold time, read data after address invalid
0
ns
th(D)MSTRBH Hold time, read data after MSTRB high
0
ns
† Address, PS, and DS timings are all included in timings referenced as address.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com