Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5409 Datasheet(PDF) 72 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5409 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 68Page - Texas Instruments TMS320UC5409 Datasheet HTML 69Page - Texas Instruments TMS320UC5409 Datasheet HTML 70Page - Texas Instruments TMS320UC5409 Datasheet HTML 71Page - Texas Instruments TMS320UC5409 Datasheet HTML 72Page - Texas Instruments TMS320UC5409 Datasheet HTML 73Page - Texas Instruments TMS320UC5409 Datasheet HTML 74Page - Texas Instruments TMS320UC5409 Datasheet HTML 75Page - Texas Instruments TMS320UC5409 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
TMS320UC5409
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS101E − APRIL 1999 − REVISED OCTOBER 2008
72
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
HPI16 timing
switching characteristics over recommended operating conditions†‡§[H = 0.5tc(CO)]
(see Figure 42 and Figure 43)
PARAMETER
MIN
MAX
UNIT
ten(DSL-HD)
Enable time, Dx driven from DS low
7
17
ns
Case 1a: Memory accesses when
DMAC is active in 16-bit mode and
tw(DSH) < 18H
18H+22 – tw(DSH)
td(DSL-HDV1)
Delay time, DS low to Dx valid for an
HPI read
Case 1b: Memory accesses when
DMAC is active in 16-bit mode and
tw(DSH) ≥ 18H
22
ns
td(DSL-HDV1)
Delay time, DS low to Dx valid for an
HPI read
Case 2a: Memory accesses when
DMAC is inactive and tw(DSH) < 10H
10H+22 – tw(DSH)
ns
Case 2b: Memory accesses when
DMAC is inactive and tw(DSH) ≥ 10H
22
Case 3: Register accesses
22
th(DSH-HDV)R
Hold time, Dx valid after DS rising edge, read§
1
8
ns
tsu(HDV-HYH)
Setup time, Dx valid before HRDY rising edge
ns
td(DSH-HYL)
Delay time, DS or HCS high to HRDY low‡
10
ns
td(DSH-HYH)
Delay time, DS high to HRDY high§
Case 1: Memory access when DMAC
is active in 16-bit mode
18H+10
ns
td(DSH-HYH)
Delay time, DS high to HRDY high§
(writes and autoincrement reads)
Case 2: Memory access when DMAC
is inactive
10H+10
ns
td(DSL-HYL)
Delay time, HDS or HCS low/high to HRDY low/high
8
ns
td(COH−HTH)
Delay time, CLKOUT high to HRDY high
8
ns
td(COH−GPIO)
Delay time, CLKOUT rising edge to HDx output change. HDx is configured as a
general-purpose output.
6
ns
NOTE: The HRDY output is always high when the HCS input is high, regardless of DS timings.
† DS refers to the logical OR of HCS, HDS1, or HDS2.
‡ Dx refers to any of the DPI data bus pins (D0, D1, D2, etc.).
§ DMAC stands for direct memory access (DMA) controller. The HPI16 shares the internal DMA bus with the DMAC, thus HPI16 access times
are affected by DMAC activity.
¶ GPIO refers to the HD pins when they are configured as general-purpose input/outputs.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com