Electronic Components Datasheet Search
  English  ▼

X  

TMS320UC5409 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5409 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 8Page - Texas Instruments TMS320UC5409 Datasheet HTML 9Page - Texas Instruments TMS320UC5409 Datasheet HTML 10Page - Texas Instruments TMS320UC5409 Datasheet HTML 11Page - Texas Instruments TMS320UC5409 Datasheet HTML 12Page - Texas Instruments TMS320UC5409 Datasheet HTML 13Page - Texas Instruments TMS320UC5409 Datasheet HTML 14Page - Texas Instruments TMS320UC5409 Datasheet HTML 15Page - Texas Instruments TMS320UC5409 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
TMS320UC5409
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS101E − APRIL 1999 − REVISED OCTOBER 2008
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
TERMINAL
NAME
DESCRIPTION
I/O†
TERMINAL
NAME
DESCRIPTION
I/O†
TEST PINS (CONTINUED)
EMU0
I/O/Z
Emulator 0 pin. When TRST is driven low, EMU0 must be high for activation of the OFF condition. When TRST is
driven high, EMU0 is used as an interrupt to or from the emulator system and is defined as input/output by way of
the IEEE standard 1149.1 scan system.
EMU1/OFF
I/O/Z
Emulator 1 pin/disable all outputs. When TRST is driven high, EMU1/OFF is used as an interrupt to or from the
emulator system and is defined as input/output by way of the IEEE standard 1149.1 scan system. When TRST is
driven low, EMU1/OFF is configured as OFF. The EMU1/OFF signal, when active low, puts all output drivers into the
high-impedance state. Note that OFF is used exclusively for testing and emulation purposes (not for multiprocessing
applications). Therefore, for the OFF feature, the following apply:
TRST = low
EMU0 = high
EMU1/OFF = low
† I = Input, O = Output, Z = High-impedance, S = Supply
‡ Although this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs,
a buffer is recommended to ensure the VIL and VIH specifications are met.
memory
The UC5409 device provides both on-chip ROM and RAM memories to aid in system performance and
integration.
on-chip ROM with bootloader
The 5409 features a 16K-word
× 16-bit on-chip maskable ROM. Customers can arrange to have the ROM of
the 5409 programmed with contents unique to any particular application. A security option is available to protect
a custom ROM. This security option is described in the TMS320C54x DSP CPU and Peripherals Reference Set,
Volume 1 (literature number SPRU131). Note that only the ROM security option, and not the ROM/RAM option,
is available on the 5409 .
A bootloader is available in the standard 5409 on-chip ROM. This bootloader can be used to automatically
transfer user code from an external source to anywhere in the program memory at power up. If the MP/MC pin
is sampled low during a hardware reset, execution begins at location FF80h of the on-chip ROM. This location
contains a branch instruction to the start of the bootloader program. The standard 5409 bootloader provides
different ways to download the code to accomodate various system requirements:
D Parallel from 8-bit or 16-bit-wide EPROM
D Parallel from I/O space 8-bit or 16-bit mode
D Serial boot from serial ports 8-bit or 16-bit mode
D Host-port interface boot
D SPI serial EEPROM 8-bit boot mode
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com