Electronic Components Datasheet Search
  English  ▼

X  

GS2985 Datasheet(PDF) 37 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 37 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 33Page - Semtech Corporation GS2985 Datasheet HTML 34Page - Semtech Corporation GS2985 Datasheet HTML 35Page - Semtech Corporation GS2985 Datasheet HTML 36Page - Semtech Corporation GS2985 Datasheet HTML 37Page - Semtech Corporation GS2985 Datasheet HTML 38Page - Semtech Corporation GS2985 Datasheet HTML 39Page - Semtech Corporation GS2985 Datasheet HTML 40Page - Semtech Corporation GS2985 Datasheet HTML 41Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
37 of 45
Proprietary & Confidential
DRIVER_1
0x01
15:10
RW
Unused
0x0
0 or 1
−
9
RW
Amplitude Control for DDO1
0x1
0 or 1
0 = 800mV swing
1 = 400mV swing
8
RW
Amplitude Control for DDO0
0x1
0 or 1
0 = 800mV swing
1 = 400mV swing
7:5
RW
De-Emphasis Boost Amplitude
Control for DDO1
0x2
0x0 to
0x7
0x0 = Lowest
Setting
0x7 = Highest
Setting
4:2
RW
De-Emphasis Boost Amplitude
Control for DDO0
0x2
0x0 to
0x7
0x0 = Lowest
Setting
0x7 = Highest
Setting
1
RW
De-Emphasis Enable for DDO1
0x0
0 or 1
−
0
RW
De-Emphasis Enable for DDO0
0x0
0 or 1
−
Table 4-12: Host Register Map (Continued)
Register
Name
Register
Address
Bit
Position
Access
Function
Default
Value
Valid
Range
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com