Electronic Components Datasheet Search
  English  ▼

X  

GS2985 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 4Page - Semtech Corporation GS2985 Datasheet HTML 5Page - Semtech Corporation GS2985 Datasheet HTML 6Page - Semtech Corporation GS2985 Datasheet HTML 7Page - Semtech Corporation GS2985 Datasheet HTML 8Page - Semtech Corporation GS2985 Datasheet HTML 9Page - Semtech Corporation GS2985 Datasheet HTML 10Page - Semtech Corporation GS2985 Datasheet HTML 11Page - Semtech Corporation GS2985 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
8 of 45
Proprietary & Confidential
33
SD/HD
Output
This signal will be LOW for all rates other than 270Mb/s.
This signal is HIGH for 270Mb/s.
34
KBB
Analog Input
Controls the loop bandwidth of the PLL. Leave this pin
floating for serial reclocking applications.
35
DDO1_DISABLE
Logic Input
Disables the DDO1/RCO and DDO1/RCO outputs
when LOW.
See Section 4.14.
36
DATA_MUTE
Logic Input
Mutes the DDO0/DDO0 and DDO1/DDO1 (if data is selected) outputs when
LOW.
Set HIGH for normal operation.
37
DATA/CLOCK
Logic Input
DATA/CLOCK select.
See Section 4.14.
38, 40
DDO1/RCO,
DDO1/RCO
Output
Differential serial clock or data outputs.
39
DE1_EN
Logic Input
De-emphasis on/off pin for serial digital output 1.
HIGH = de-emphasis on
LOW = de-emphasis off
41
VCC_DDO1
Power
Most positive power supply connection for the DDO1/DDO1 output driver.
Connect to 3.3V or 2.5V.
42
VEE_DDO1
Power
Most negative power supply connection for the DDO1/DDO1 output
driver. Connect to GND.
43
GND_DRV
Power
Connect to GND.
44, 46
DDO0, DDO0
Output
Differential Serial Digital Outputs.
45
DE0_EN
Logic Input
De-emphasis on/off pin for serial digital output 0.
HIGH = de-emphasis on
LOW = de-emphasis off
47
VCC_DDO0
Power
Most positive power supply connection for the DDO0/DDO0 output driver.
Connect to 3.3V or 2.5V.
48
VEE_DDO0
Power
Most negative power supply connection for the DDO0/DDO0 output
driver.
Connect to GND.
51
XTAL_BUF_OUT
Output
Buffered output of the reference oscillator.
52
XTAL+
Output
Reference crystal output.
53
XTAL-
Input
Reference crystal input.
55
CS/EQ3_EN
Input/Logic
Input
In host mode (HIF set LOW):
Chip select input for SPI serial host interface. Active-low input.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 3.
Active-high input.
Table 1-1: GS2985 Pin Descriptions
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com