Electronic Components Datasheet Search
  English  ▼

X  

GS2985 Datasheet(PDF) 25 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 21Page - Semtech Corporation GS2985 Datasheet HTML 22Page - Semtech Corporation GS2985 Datasheet HTML 23Page - Semtech Corporation GS2985 Datasheet HTML 24Page - Semtech Corporation GS2985 Datasheet HTML 25Page - Semtech Corporation GS2985 Datasheet HTML 26Page - Semtech Corporation GS2985 Datasheet HTML 27Page - Semtech Corporation GS2985 Datasheet HTML 28Page - Semtech Corporation GS2985 Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
25 of 45
Proprietary & Confidential
cycles through the data rates and starts over if that data rate is not found (see Figure 4-3).
A “search algorithm” cycles through the supported data rates until lock is achieved, as
shown in Figure 4-3 below.
Figure 4-3: GS2985 Automatic Mode Search Algorithm
In MANUAL mode, the SS[1:0] pins become inputs and the data rate can be programmed.
In this mode, the search algorithm is disabled and the GS2985's PLL will only lock to the
data rate selected in accordance with Table 4-8.
4.11 SD/HD Indication
The SD/HD signal indicates the output data rate of the device and can be connected to
the SD/HD input pin of dual slew rate cable drivers such as the GS2988.
When this signal is HIGH, the data rate is 270Mb/s. This signal is LOW for all other data
rates.
This signal is also LOW when the device is operating in bypass mode (Auto-bypass and
User-bypass).
The SD/HD signal is LOW when the device is not locked.
Power up
270Mb/s
1485Mb/s
2970Mb/s
*Note: the search algorithm does not necessarily begin with 270Mb/s.
Table 4-8: Data Rate Indication/Selection Bit Pattern
SS[1:0]
Data Rate (Mb/s)
0
Reserved
1
270
2
1485 or 1485/1.001
3
2970 or 2970/1.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com