Electronic Components Datasheet Search
  English  ▼

X  

GS2985 Datasheet(PDF) 15 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 11Page - Semtech Corporation GS2985 Datasheet HTML 12Page - Semtech Corporation GS2985 Datasheet HTML 13Page - Semtech Corporation GS2985 Datasheet HTML 14Page - Semtech Corporation GS2985 Datasheet HTML 15Page - Semtech Corporation GS2985 Datasheet HTML 16Page - Semtech Corporation GS2985 Datasheet HTML 17Page - Semtech Corporation GS2985 Datasheet HTML 18Page - Semtech Corporation GS2985 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
15 of 45
Proprietary & Confidential
Figure 3-3: Low-speed Input with weak internal pull-down (DDI_SEL0, DDI_SEL1,
BYPASS, AUTOBYPASS, DE1_EN, DE0_EN)
Figure 3-4: Data Rate Control/Indicators (SS0, SS1)
Figure 3-5: Low-speed Outputs (LOCKED, LOS, HD/SD)
IN
VREF
1.4k
Ω
VCC
VCC
2.5µA
VREF
1.4k
Ω
VCC
VCC
VCC
SS0/SS1
Tgate
Auto/Man
VCC
SS0/SS1
VCC
OUT
VCC
972Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com