Electronic Components Datasheet Search
  English  ▼

X  

GS2985 Datasheet(PDF) 24 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 20Page - Semtech Corporation GS2985 Datasheet HTML 21Page - Semtech Corporation GS2985 Datasheet HTML 22Page - Semtech Corporation GS2985 Datasheet HTML 23Page - Semtech Corporation GS2985 Datasheet HTML 24Page - Semtech Corporation GS2985 Datasheet HTML 25Page - Semtech Corporation GS2985 Datasheet HTML 26Page - Semtech Corporation GS2985 Datasheet HTML 27Page - Semtech Corporation GS2985 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
24 of 45
Proprietary & Confidential
When DEn_EN is set LOW or left unconnected, the de-emphasis for output n is OFF. When HIF
is HIGH, these DE_EN controls select between OFF and a setting that compensates for roughly
five inches of trace.
All other settings are available only via the host interface.
When a DEn_EN pin is tied HIGH, the output de-emphasis for output n is ON.
The default de-emphasis setting upon power-up is 0dB (OFF).
NOTE: Changing the de-emphasis setting will vary both V1 & V2 (see Figure 4-2).
Figure 4-2: De-emphasis Waveform
4.10 Automatic and Manual Data Rate Selection
The GS2985 can be configured to manually lock to a specific data rate or automatically search
for and lock to the incoming data rate. The AUTO/MAN pin selects Automatic data rate
detection mode (AUTO mode) when HIGH and manual data rate selection mode (MANUAL
mode) when LOW.
In AUTO mode, the SS[1:0] bi-directional pins become outputs and the bit pattern indicates the
data rate at which the PLL is currently locked to (or previously locked to). The search algorithm
Table 4-7: Output De-emphasis
DEn_EN pin
Status of Output n
HIGH
Output De-emphasis
ON
LOW
Output De-emphasis
OFF
V1
V2
-V1
-V2
Tx signal after de-emphasis
11110000 pattern
268
269
270
271
272
273
274
275
UI
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
De-emphasis (dB)
=20 log (V1/V2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com