Electronic Components Datasheet Search
  English  ▼

X  

GS2985 Datasheet(PDF) 27 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 23Page - Semtech Corporation GS2985 Datasheet HTML 24Page - Semtech Corporation GS2985 Datasheet HTML 25Page - Semtech Corporation GS2985 Datasheet HTML 26Page - Semtech Corporation GS2985 Datasheet HTML 27Page - Semtech Corporation GS2985 Datasheet HTML 28Page - Semtech Corporation GS2985 Datasheet HTML 29Page - Semtech Corporation GS2985 Datasheet HTML 30Page - Semtech Corporation GS2985 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
27 of 45
Proprietary & Confidential
When the DATA/CLOCK pin is set HIGH, the DDO1/RCO pin will output a copy of the
serial digital output.
When the DATA/CLOCK pin is set LOW, the DDO1/RCO pin will output a copy of the
recovered clock signal.
4.15 Host Interface
4.15.1 Introduction
The GS2985 offers a Serial Peripheral Interface (SPI) to access advanced features and
programmability. The polarity of the HIF pin tells the GS2985 whether or not the host
interface is active (HIF = 0) or in legacy mode (HIF = 1).
Using the host interface, it is possible to override the control pin settings, and such
settings will persist until the device has been powered-down and/or reset. The host
interface is capable of reading hard-wired pin configuration, pin override settings and
the values of all status monitoring pins.
There is an optional 3-state feature available in the Control Status Registers (CSR) that
puts the SPI SDO to high-impedance when it’s not being used (Register: TOP_1, Bit: 2).
The maximum operating speed of the SPI is 10MHz.
4.15.2 Legacy Mode & Start-up
In legacy mode, basic configuration of the device (including a subset of equalizer and
de-emphasis settings) are available at the pin level. In this mode, register settings are
automatically set to default so that the GS2985 is live at power-up.
4.15.3 Host Interface Mode & Start-up
In host interface mode, the user gains access to Control and Status Registers (CSRs) that
manage advanced features. In this mode, equalizer and de-emphasis settings are set
through the CSR.
The SPI control port is functional at start-up without the need for a separate, external
reset signal. However, all internal registers must be set to their default state by issuing a
required Reset Command via the SPI.
Table 4-10: Configuration of GS2985 Output Drivers and Mute/Disable Pins
DATA_MUTE
DDO1_DISABLE
DATA/CLOCK
DDO0
DDO1/RCO
1
1
0
DATA
CLOCK
111
DATA
DATA
0
1
0
MUTE
CLOCK
0
1
1
MUTE
MUTE
1
0
X
DATA
Power down
0
0
X
MUTE
Power down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com