Electronic Components Datasheet Search
  English  ▼

X  

GS2985 Datasheet(PDF) 41 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 41 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 37Page - Semtech Corporation GS2985 Datasheet HTML 38Page - Semtech Corporation GS2985 Datasheet HTML 39Page - Semtech Corporation GS2985 Datasheet HTML 40Page - Semtech Corporation GS2985 Datasheet HTML 41Page - Semtech Corporation GS2985 Datasheet HTML 42Page - Semtech Corporation GS2985 Datasheet HTML 43Page - Semtech Corporation GS2985 Datasheet HTML 44Page - Semtech Corporation GS2985 Datasheet HTML 45Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
41 of 45
Proprietary & Confidential
5. Typical Application Circuit
Figure 5-1: GS2985 Typical Application Circuit
10nF
DDI0
1
HIF
2
DDI0
3
GND
4
DDI1
5
6
DDI1
7
GND
8
DDI2
9
10
DDI2
11
GND
12
DDI3
13
14
DDI3
15
GND
16
VEE_DDO0
48
VCC_DDO0
47
DDO0
46
DE0_EN
45
DDO0
44
GND_DRV
43
VEE_DDO1
42
VCC_DDO1
41
DDO1/RCO
40
DE1_EN
39
DDO1/RCO
38
DATA/CLOCK
37
DATA_MUTE
36
DDO1_DISABLE
35
KBB
34
SD/HD
33
GS2985
VCC
GND
10nF
10nF
27MHz
47nF
TBD
TBD
VCC
GND
10nF
GND
1μF
220nF
GND
10μF
GND
10nF
VCC
GND
GND
GND
GND
GND
VCC
GND
GND
GND
GND
HIF
Data Input 1
Data Input 0
Data Input 2
Data Input 3
Data Output 0
Data Output 1/
Serial Clock
RSVD
N/C
N/C
1MΩ
VCC
R*
Note: R* value is set to 267
Ω for 2.5v supply or 422Ω for 3.3v supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com