Electronic Components Datasheet Search
  English  ▼

X  

NCP3235 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP3235
Description  High Current Synchronous Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3235 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP3235 Datasheet HTML 2Page - ON Semiconductor NCP3235 Datasheet HTML 3Page - ON Semiconductor NCP3235 Datasheet HTML 4Page - ON Semiconductor NCP3235 Datasheet HTML 5Page - ON Semiconductor NCP3235 Datasheet HTML 6Page - ON Semiconductor NCP3235 Datasheet HTML 7Page - ON Semiconductor NCP3235 Datasheet HTML 8Page - ON Semiconductor NCP3235 Datasheet HTML 9Page - ON Semiconductor NCP3235 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCP3235
www.onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS
(−40
°C < TJ < +125°C, VCC = 12 V, for min/max values unless otherwise noted, TJ = +25°C for typical values)
Parameter
Units
Max
Typ
Min
Test Conditions
Symbol
OSCILLATOR
Oscillator Frequency Range
fsw
fsw = 550 kHz
4.5 V < VCC < 21 V
500
550
600
kHz
fsw = 1100 kHz
4.5 V < VCC < 21 V
990
1100
1210
Hiccup Timer
Thiccup
tss < 1 ms
4
ms
Tss > 1 ms
4 x tss
ZERO CROSSING
Zero Crossing Comparator Internal
Offset
PGND−VSW, Automatic
CCM/DCM
Guaranteed by design
−4.5
−3.0
−1.5
mV
MODE
Mode pin threshold voltage
ModeTHS
GND
0.25
V
49.9 k
W
0.43
0.65
100 k
W
0.86
1.15
174 k
W
1.48
2.0
Floating
2.4
Mode pin source current
IMode
8.8
10
11.2
mA
ENABLE INPUT (EN)
EN Input Operating Range
5.5
V
Enable Threshold Voltage
V_EN
Min VEN rising
1.11
1.2
1.29
V
Enable Threshold Voltage
Max VEN falling
1.05
V
Deep Disable Threshold
0.7
0.8
0.9
V
Enable Pull−up Current
2
mA
SOFTSTART INPUT (SS)
SS Startup Delay
tSSD
1.45
ms
SS End Threshold
SSEND
0.6
V
SS Source Current
ISS
2.15
2.5
2.8
mA
VOLTAGE MONITOR
Power Good Sink Current
PG = 0.15 V
10
20
30
mA
Output Overvoltage Rising Threshold
687
700
713
mV
Overvoltage Fault Blanking Time
4.0
ms
Output Under−Voltage Trip Threshold
475
500
525
mV
Under−voltage Protection Blanking
Time
20
ms
POWER STAGE
High−side On Resistance
RDSONH
VIN/VCC = 5 V, ID = 2 A
6.5
10
m
W
Low−side On Resistance
RDSONL
VIN/VCC = 5 V, ID = 2 A
2.9
5.2
m
W
VFBOOT
IBOOT = 2 mA
28
mV
THERMAL SHUTDOWN
Thermal Shutdown Threshold
Guaranteed by Characterization
150
°C
Thermal Shutdown Hysteresis
Guaranteed by Characterization
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com