Electronic Components Datasheet Search
  English  ▼

X  

NCP3235 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3235
Description  High Current Synchronous Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3235 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3235 Datasheet HTML 4Page - ON Semiconductor NCP3235 Datasheet HTML 5Page - ON Semiconductor NCP3235 Datasheet HTML 6Page - ON Semiconductor NCP3235 Datasheet HTML 7Page - ON Semiconductor NCP3235 Datasheet HTML 8Page - ON Semiconductor NCP3235 Datasheet HTML 9Page - ON Semiconductor NCP3235 Datasheet HTML 10Page - ON Semiconductor NCP3235 Datasheet HTML 11Page - ON Semiconductor NCP3235 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCP3235
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 10. Soft−start Current vs. Temperature
Figure 11. HS RDS(on) vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
2.30
2.35
2.45
2.50
2.60
2.65
2.70
135
105
60
45
30
0
−15
−45
4
5
6
7
8
9
10
110
80
50
20
5
−10
−25
35
65
95
125
−40
2.40
2.55
120
90
15
−30
75
VIN/VCC = 12 V
Figure 12. LS RDS(on) vs. Temperature
Figure 13. VB UVLO Rising Threshold vs.
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
4.20
4.24
4.28
4.32
4.36
4.40
Figure 14. VB UVLO Falling Threshold vs.
Junction Temperature
Figure 15. Output OVP vs. Junction
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
3.80
3.84
3.88
3.92
3.96
4.00
695
699
703
705
120
90
45
15
0
−15
−30
−45
30
60
105
135
110
80
50
20
5
−10
−25
−40
35
65
95
125
110
80
50
20
5
−10
−25
−40
35
65
95
125
110
80
50
20
5
−10
−25
−40
35
65
95
125
697
701
VIN/VCC = 12 V
75
4.38
4.34
4.30
4.26
4.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com