Electronic Components Datasheet Search
  English  ▼

X  

NCP3235 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCP3235
Description  High Current Synchronous Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3235 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCP3235 Datasheet HTML 8Page - ON Semiconductor NCP3235 Datasheet HTML 9Page - ON Semiconductor NCP3235 Datasheet HTML 10Page - ON Semiconductor NCP3235 Datasheet HTML 11Page - ON Semiconductor NCP3235 Datasheet HTML 12Page - ON Semiconductor NCP3235 Datasheet HTML 13Page - ON Semiconductor NCP3235 Datasheet HTML 14Page - ON Semiconductor NCP3235 Datasheet HTML 15Page - ON Semiconductor NCP3235 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
NCP3235
www.onsemi.com
14
PROTECTION FEATURES
Hiccup Mode
The NCP3235 uses hiccup mode for over current
protection. Upon entering hiccup mode after a fault
detection, the NCP3235 turns off the high side and low side
FET’s and PG goes low. It waits for tHiccup ms before
reinitiating a soft−start. tHiccup is defined as four soft start
timeouts (tss). The equation for tss is shown in Equation 1.
OCP is the only active fault detection during the hiccup
mode soft start.
Over Voltage Protection (OVP)
When the voltage at the FB pin (VFB) is above the OVP
threshold for greater than 5
ms (typical), an OVP fault is set.
The high side FET (HSFET) will turn off and the low side
FET (LSFET) will turn on. The open−drain PG pull down
will turn on at that point as well, thus pulling PG low. Once
VFB has fallen below the Undervoltage Protection
Threshold (UVP), the device will enter hiccup/latch off
mode. If entering latch off mode after a fault detection, the
NCP3235 turns off the high side and turns on the low side
FET’s and PG goes low. The user has to toggle the input
power supply to restart the device.
Under Voltage Protection (UVP)
A UVP circuit monitors the VFB voltage to detect an
under voltage event. If the VFB voltage is below this
threshold for more than 20
ms, a UVP fault is set and the
device will enter hiccup mode.
Over Current Protection (OCP)
The NCP3235 over current protection scheme senses the
peak freewheeling current in the low−side FET (LSOCP)
after a blanking time of 150 ns as shown in Figure 29. The
low−side MOSFET drain to source voltage is compared
against the voltage of an internal temperature compensated
current source and a user−selected resistor RSET. The value
of RSET for a given OCP level is defined by the follow
equation:
RSET
+
i
LS
RDSON
4
i
SET
(eq. 2)
In this equation, iLS is the inductor peak current value,
RDSON is the on resistance of low−side MOSFET, and iSET
is an internal current source used to compensate the
temperature effects of on resistance of low−side MOSFET.
NCP3235 can guarantee that RDSON/iSET is a constant
value. By doing this, OCP accuracy won’t be affected by the
variation of MOSFET RDSON. In case RSET is not
connected, the device switches the OCP threshold to a fixed
300 mV threshold.
After one OCP event is detected, the NCP3235 keeps the
high−side MOSFET off until the low−side MOSFET falls
below the trip point again and the high−side MOSFET turns
on in the next clock cycle. So the low−side over current
protection shows pulse skipping behavior. An internal OCP
counter will count up to 3 consecutive OCP events. After the
third consecutive count, the device enters hiccup/latch
mode. The scheme of LS OCP and hiccup mode protection
is described in Figure 29.
Thermal Shutdown (TSD)
The NCP3235 protects itself from overheating with an
internal thermal monitoring circuit. If the junction
temperature exceeds the thermal shutdown threshold both
the upper and lower MOSFETs will be shut OFF. Once the
temperature drops below the falling hysteresis threshold, the
voltage at the COMP pin will be pulled below the ramp
valley voltage and a soft−start will be initiated.
Power Good Monitor (PG)
NCP3235 monitors the output voltage and signal when the
output is out of regulation or during a non−regulated
pre−bias condition, or fault condition. When the output
voltage is within the OVP and UVP thresholds, the power
good pin is a high impedance output. If the NCP3235 detects
an OCP, OVP, UVP, TSD or is in soft start, it pulls PG pin
low. The PG pin is an open drain 5−mA pull down output.
Layout Guide
When laying out a power PCB for the NCP3235 there are
several key points.
General Layout Guide: these are the common techniques
for high frequency high power board layout design.
Base
component
placement:
High
current
path
components should be placed to keep the current path as
tight as possible. Placement of components on the bottom of
the board such as input or output decoupling can add loop
inductance.
Ground
Return
for
Power
and
Signals:
Solid,
uninterrupted ground planes must be present and adjacent to
the high current path.
Copper Shapes on Component Layers: Large copper
planes on one or multiple layers with adequate vias will
increase thermal transfer, reduce copper conduction losses,
and minimize loop inductance. Greater than 20 A designs
require 2~3 layer shapes or more, increasing the number of
layers will only improvement performance.
Via Placement for Power and Ground: Place enough vias
to adequately connect outer layers to inner layers for thermal
transfer and to minimize added inductance in layer
transition. Multiple vias should be placed near important
components like input and output ceramic capacitors.
Key Signal Routes: Do not route sensitive signals, such as
FB near or under noisy nets such as the switch node VSW
and BST node, to reduce noise coupling effects on the
sensitive lines.
To improve the Low−side OCP accuracy, users should use
single ground connection instead of separate analog ground
and power ground. Make sure that the inner layers (at least
2nd layer, 3rd layer and 4th layer) are dedicated for ground
plane. Do not use other copper planes to break or interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com