Electronic Components Datasheet Search
  English  ▼

X  

NCP3235 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP3235
Description  High Current Synchronous Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3235 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP3235 Datasheet HTML 3Page - ON Semiconductor NCP3235 Datasheet HTML 4Page - ON Semiconductor NCP3235 Datasheet HTML 5Page - ON Semiconductor NCP3235 Datasheet HTML 6Page - ON Semiconductor NCP3235 Datasheet HTML 7Page - ON Semiconductor NCP3235 Datasheet HTML 8Page - ON Semiconductor NCP3235 Datasheet HTML 9Page - ON Semiconductor NCP3235 Datasheet HTML 10Page - ON Semiconductor NCP3235 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP3235
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 4. Reference Voltage vs. Temperature
Figure 5. RDS(on)/Iset vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
95
80
65
35
5
−10
−25
−40
0.596
0.597
0.598
0.599
0.600
0.601
0.602
104
106
108
110
112
114
116
Figure 6. Rising Enable Threshold vs.
Temperature
Figure 7. Falling Enable Threshold vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
1.18
1.20
1.21
1.22
1.23
1.02
1.05
1.06
1.07
1.08
Figure 8. Shutdown Current vs. Temperature
Figure 9. Quiescent Current vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
110
80
50
20
5
−10
−25
−40
50
70
80
100
120
0
1
2
3
4
5
6
20
50
110 125
90
75
60
30
0
−15
−30
−45
15
45
105 120
95
80
65
35
5
−10
−25
−40
20
50
110 125
95
80
65
35
5
−10
−25
−40
20
50
110 125
35
65
95
125
60
90
110
VCC = 12 V
110
80
50
20
5
−10
−25
−40
35
65
95
125
0.603
0.604
135
118
1.19
1.04
1.03
VCC = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com