Electronic Components Datasheet Search
  English  ▼

X  

NCP3235 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3235
Description  High Current Synchronous Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3235 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3235 Datasheet HTML 5Page - ON Semiconductor NCP3235 Datasheet HTML 6Page - ON Semiconductor NCP3235 Datasheet HTML 7Page - ON Semiconductor NCP3235 Datasheet HTML 8Page - ON Semiconductor NCP3235 Datasheet HTML 9Page - ON Semiconductor NCP3235 Datasheet HTML 10Page - ON Semiconductor NCP3235 Datasheet HTML 11Page - ON Semiconductor NCP3235 Datasheet HTML 12Page - ON Semiconductor NCP3235 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP3235
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 16. Output UVP vs. Junction
Temperature
Figure 17. Efficiency (FSW = 550 kHz,
VIN = 12 V, TA = Room)
LOAD CURRENT (A)
16
12
10
8
6
4
2
0
70
75
80
85
90
95
100
Figure 18. Efficiency (FSW = 550 kHz,
VIN = 5 V, TA = Room)
Figure 19. Efficiency (FSW = 550 kHz,
VIN = 19 V, TA = Room)
LOAD CURRENT (A)
LOAD CURRENT (A)
14
12
10
8
6
4
2
0
70
75
80
85
90
95
100
14
12
10
8
6
4
2
0
60
65
70
75
80
90
95
100
Figure 20. Efficiency (VOUT = 1.0 V,
VIN = 12 V, TA = Room)
Figure 21. Power Loss Difference
(VOUT = 1.0 V, VIN = 12 V, TA = Room)
LOAD CURRENT (A)
LOAD CURRENT (A)
14
12
10
8
6
4
2
0
65
70
75
80
85
90
95
0.40
0.35
0.25
0.20
0.15
0.10
0.05
0
0
0.02
0.04
0.06
0.08
0.14
0.16
0.20
TJ, JUNCTION TEMPERATURE (°C)
490
494
498
506
510
110
80
50
20
5
−10
−25
−40
35
65
95
125
502
14
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
VOUT = 5.0 V
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
16
16
85
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.5 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
VOUT = 5.0 V
VOUT = 12 V
16
FSW = 550 kHz
FSW = 1.1 MHz
None Sonic Mode
0.30
Sonic Mode
0.10
0.12
0.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com