Electronic Components Datasheet Search
  English  ▼

X  

NCP3235 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3235
Description  High Current Synchronous Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3235 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3235 Datasheet HTML 1Page - ON Semiconductor NCP3235 Datasheet HTML 2Page - ON Semiconductor NCP3235 Datasheet HTML 3Page - ON Semiconductor NCP3235 Datasheet HTML 4Page - ON Semiconductor NCP3235 Datasheet HTML 5Page - ON Semiconductor NCP3235 Datasheet HTML 6Page - ON Semiconductor NCP3235 Datasheet HTML 7Page - ON Semiconductor NCP3235 Datasheet HTML 8Page - ON Semiconductor NCP3235 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCP3235
www.onsemi.com
3
VCC
VB
BST
VSWH
Vout
NCP3235
VIN
FB
COMP
ISET
SS
EN
PG
VB
AGND
PGND
MODE
VSW
Figure 2. NCP3235 Typical Application Circuit Without External VCC
VIN
≥ 4.5 V
VB
BST
VSWH
Vout
NCP3235
VIN
FB
COMP
ISET
SS
EN
PG
VB
AGND
PGND
MODE
VSW
Figure 3. NCP3235 Typical Application Circuit With VCC = 5 V
VIN
≥ 3.0 V
VCC
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com