Electronic Components Datasheet Search
  English  ▼

X  

NCP3235 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP3235
Description  High Current Synchronous Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3235 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP3235 Datasheet HTML 1Page - ON Semiconductor NCP3235 Datasheet HTML 2Page - ON Semiconductor NCP3235 Datasheet HTML 3Page - ON Semiconductor NCP3235 Datasheet HTML 4Page - ON Semiconductor NCP3235 Datasheet HTML 5Page - ON Semiconductor NCP3235 Datasheet HTML 6Page - ON Semiconductor NCP3235 Datasheet HTML 7Page - ON Semiconductor NCP3235 Datasheet HTML 8Page - ON Semiconductor NCP3235 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2016 − Rev. 0
1
Publication Order Number:
NCP3235/D
NCP3235
High Current Synchronous
Buck Converter
The NCP3235 is a high current, high efficiency voltage mode
synchronous buck converter which operates from 4.5 V to 23 V input
and generates output voltages down to 0.6 V at up to 15 A continuous
current. It has two operation modes: FCCM and automatic
CCM/DCM. In automatic CCM/DCM mode, the controller can switch
smoothly between CCM and DCM, where converter runs at reduced
switching frequency to achieve much higher efficiency at light load.
The NCP3235 is available in 6 mm x 6 mm QFN−40 pin package.
Features
• Wide Input Voltage Range from 4.5 V to 23 V
• 0.6 V Internal Reference Voltage
• Switching Frequency Option: 550 kHz, 1.1 MHz
• External Programmable Soft−Start
• Lossless Low−side FET Current Sensing
• Output Over−voltage Protection and Under−voltage Protection
• Selective Hiccup/Latch Off Operation for All Faults
• Pre−bias Start−up
• Adjustable Output Voltage
• Power Good Output
• Internal Over−temperature Protection
• Adjustable Input UVLO
• This is a Pb−Free Device
Typical Application
• Industry PC Equipment
• ASIC, FPGA, DSP and CPU Core and I/O Supplies
• Server and Storage System
• Telecom and Network Equipment
QFN40 6x6, 0.5P
CASE 485CM
Device
Package
Shipping†
ORDERING INFORMATION
NCP3235MNTXG
QFN−40
(Pb−Free)
2500 /
Tape & Reel
MARKING
DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
NCP3235
AWLYYWWG
1
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
PIN CONNECTIONS
(Top View)
40
1
31
32
33
34
35
36
37
38
39
40
20
19
18
17
16
15
14
13
12
11
VIN
EP42
GND
EP41
VSWH
EP43
VSWH
VSWH
VSWH
VSWH
PGND
PGND
PGND
PGND
PGND
VSWH
VIN
VIN
VIN
VIN
VSW
BST
AGND
VCC
EN
VB


Similar Part No. - NCP3235

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3230MNTXG ONSEMI-NCP3230MNTXG Datasheet
156Kb / 15P
High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3231AMNTXG ONSEMI-NCP3231AMNTXG Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
More results

Similar Description - NCP3235

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
Input High-Current Synchronous Buck SWIFT Converter
logo
ON Semiconductor
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
High Current, Dual Output Synchronous Buck Converter
logo
Monolithic Power System...
EV8758H-L-00A MPS-EV8758H-L-00A Datasheet
603Kb / 8P
22V, 10A, High Current Synchronous Buck Converter
logo
ON Semiconductor
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com