Electronic Components Datasheet Search
  English  ▼

X  

NCP3235 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP3235
Description  High Current Synchronous Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3235 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP3235 Datasheet HTML 1Page - ON Semiconductor NCP3235 Datasheet HTML 2Page - ON Semiconductor NCP3235 Datasheet HTML 3Page - ON Semiconductor NCP3235 Datasheet HTML 4Page - ON Semiconductor NCP3235 Datasheet HTML 5Page - ON Semiconductor NCP3235 Datasheet HTML 6Page - ON Semiconductor NCP3235 Datasheet HTML 7Page - ON Semiconductor NCP3235 Datasheet HTML 8Page - ON Semiconductor NCP3235 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP3235
www.onsemi.com
2
Figure 1. NCP3235 Block Diagram
VSWH
VB
BST
Control Logic
Ramp Generator
PWM Logic
−and−
UVLO
OVP, UVP
Power Good
OCP, TSD
Protection
PGND
VCC
VB
FB
COMP
E/A
VREF
SS
ISET
VIN
AGND
VB
VB
VCC
EN
VCC
Enable
Logic
POR
2
mA
VB
PG
1.2V
Soft Start
LDO
OSC
VB
VB
Mode
Selection
MODE
VSW
Table 1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
SS
A capacitor from this pin to GND allows the user to adjust the soft−start ramp time.
2
FB
Output voltage feedback.
3
COMP
Output of the error amplifier.
4
ISET
A resistor from this pin to ground sets the over−current protection (OCP) threshold.
5, 37
AGND
Analog ground.
6
MODE
Mode selection for FCCM mode and automatic CCM/DCM mode, switching frequency and hiccup/latch pro-
tection mode. See table I in the latter page.
7
PG
Power good indicator of the output voltage. Open−drain output. Connect PG to VDD with an external resistor.
8−14,
EP42
VIN
The VIN pin is connected to the internal power NMOS switch. The VIN pin has high di/dt edges and must be
decoupled to ground close to the pin of the device.
15, 29−34,
EP43
VSWH
The VSWH pin is the connection of the drain and source of the internal NMOS switches. At switch off, the
inductor will drive this pin below ground as the body diode and the NMOS conducts with a high dv/dt.
16−28
PGND
Ground reference and high−current return path for the bottom gate driver and low− side NMOS.
35
VSW
IC connection to the switch node between the top MOSFET and bottom MOSFET. Return path of the high−
side gate driver.
36
BST
Top gate driver input supply, a bootstrap capacitor connection between the switch node and this pin.
38
VB
The internal LDO output and supply for the NCP3235. Connect a minimum of 4.7uF ceramic capacitor from
this pin to ground.
39
VCC
Input Supply for IC. This pin must be connected to VIN.
40
EN
Logic control for enabling the switcher. An internal pull−up enables the device automatically. The EN pin can
also be driven high to turn on the device, or low to turn off the device. A comparator and precision reference
allow the user to implement this pin as an adjustable UVLO circuit.
EP41
GND
Exposed Pad. Connect GND to a large copper plane at ground potential to improve thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com