Electronic Components Datasheet Search
  English  ▼

X  

TPS2221 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2221
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2221 Datasheet HTML 2Page - Texas Instruments TPS2221 Datasheet HTML 3Page - Texas Instruments TPS2221 Datasheet HTML 4Page - Texas Instruments TPS2221 Datasheet HTML 5Page - Texas Instruments TPS2221 Datasheet HTML 6Page - Texas Instruments TPS2221 Datasheet HTML 7Page - Texas Instruments TPS2221 Datasheet HTML 8Page - Texas Instruments TPS2221 Datasheet HTML 9Page - Texas Instruments TPS2221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002 REVISED SEPTEMBER 2002
www.ti.com
6
PARAMETER MEASUREMENT INFORMATION
50%
LATCH
VDD
GND
10%
90%
tpd(on)
GND
VO(xVPP/VCORE)
Propagation Delay (xVPP)
50%
LATCH
VDD
GND
10%
90%
tpd(on)
GND
VO(xVCC)
Propagation Delay (xVCC)
10%
90%
tr
GND
VO(xVPP/VCORE)
Rise/Fall Time (xVPP)
tf
10%
90%
tr
GND
VO(xVCC)
Rise/Fall Time (xVCC)
tf
50%
VDD
GND
10%
90%
ton
GND
VO(xVCC)
Turn On/Off Time (xVCC)
xVPP/VCORE
VOLTAGE WAVEFORMS
LOAD CIRCUIT (xVPP/VCORE)
IO(xVPP/VCORE)
xVCC
50%
LATCH
VDD
GND
10%
90%
ton
GND
VO(xVPP/VCORE)
Turn On/Off Time (xVPP)
IO(xVCC)
tpd(off)
tpd(off)
toff
toff
LOAD CIRCUIT (xVCC)
VI(1.8V/5V/3.3V)
VI(5V/3.3V)
VI(1.8V/5V/3.3V)
VI(5V/3.3V)
VI(1.8V/5V/3.3V)
VI(5V/3.3V)
LATCH
Figure 1. Test Circuits and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com