Electronic Components Datasheet Search
  English  ▼

X  

TPS2221 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2221
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2221 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2221 Datasheet HTML 5Page - Texas Instruments TPS2221 Datasheet HTML 6Page - Texas Instruments TPS2221 Datasheet HTML 7Page - Texas Instruments TPS2221 Datasheet HTML 8Page - Texas Instruments TPS2221 Datasheet HTML 9Page - Texas Instruments TPS2221 Datasheet HTML 10Page - Texas Instruments TPS2221 Datasheet HTML 11Page - Texas Instruments TPS2221 Datasheet HTML 12Page - Texas Instruments TPS2221 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002 REVISED SEPTEMBER 2002
www.ti.com
9
PARAMETER MEASUREMENT INFORMATION
Figure 7
0
20
40
60
80
100
120
140
160
180
–50
–20
10
40
70
100
3.3VIN AND 5VIN INPUT CURRENT
vs
JUNCTION TEMPERATURE
xVCC, xVPP/VCORE = 3.3 V
TPS2228 –3.3VIN
TJ – Junction Temperature – °C
TPS2221 – 3.3VIN
TPS2228 and TPS2221 – 5VIN
Figure 8
0
10
20
30
40
50
60
70
80
90
100
–40
25
100
TPS2228 – 3.3VIN
TPS2228 – 5VIN
TPS2221 – 3.3VIN
TPS2221 – 5VIN
xVCC = xVPP/VCORE = 5 V
3.3VIN AND 5VIN INPUT CURRENT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
Figure 9
0
5
10
15
20
25
30
35
40
–50
–20
10
40
70
100
TPS2228
TPS2221
xVCC = 3.3 V
xVPP/VCORE = 1.8 V
1.8VIN INPUT CURRENT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
Figure 10
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
–50
–20
10
40
70
100
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
(3.3VIN TO xVCC SWITCH)
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com