Electronic Components Datasheet Search
  English  ▼

X  

TPS2221 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS2221
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2221 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS2221 Datasheet HTML 15Page - Texas Instruments TPS2221 Datasheet HTML 16Page - Texas Instruments TPS2221 Datasheet HTML 17Page - Texas Instruments TPS2221 Datasheet HTML 18Page - Texas Instruments TPS2221 Datasheet HTML 19Page - Texas Instruments TPS2221 Datasheet HTML 20Page - Texas Instruments TPS2221 Datasheet HTML 21Page - Texas Instruments TPS2221 Datasheet HTML 22Page - Texas Instruments TPS2221 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002 REVISED SEPTEMBER 2002
www.ti.com
20
TPS2221
VPP/VCORE
VCC
VCC
VD0
OC
VCC1
VCC2
0.1
µF
0.1
µF
VPP1
VPP2
PC Card
Connector
PCMCIA
Controller
1.8 V
3.3 V
5 V
1.8 V
3.3 V
5 V
1.8 V
3.3 V
5 V
4.7
µF
4.7
µF
4.7
µF
0.1
µF
0.1
µF
0.1
µF
VCC
VCC_EN0
VCC_EN1
VPP_EN0
VPP_EN1
VD1
VD2
VD3
To CPU
SHDN
GND
+
+
+
Shutdown Signal From CPU
CS
Figure 21. TPS2221 Single Slot Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com