Electronic Components Datasheet Search
  English  ▼

X  

TPS2221 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS2221
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2221 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2221 Datasheet HTML 13Page - Texas Instruments TPS2221 Datasheet HTML 14Page - Texas Instruments TPS2221 Datasheet HTML 15Page - Texas Instruments TPS2221 Datasheet HTML 16Page - Texas Instruments TPS2221 Datasheet HTML 17Page - Texas Instruments TPS2221 Datasheet HTML 18Page - Texas Instruments TPS2221 Datasheet HTML 19Page - Texas Instruments TPS2221 Datasheet HTML 20Page - Texas Instruments TPS2221 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002 REVISED SEPTEMBER 2002
www.ti.com
17
SHUTDOWN MODE
In the shutdown mode, each of the VCC and VPP/VCORE
outputs is forced to a high-impedance state (Hi-Z). In this
mode, the chip quiescent current is reduced to conserve
battery power.
POWER SUPPLY CONSIDERATIONS
The TPS2228/2221 power interface switch has multiple
pins for each of its power inputs and for the switched VCC
outputs. The two 1.8VIN pins must be connected together
externally. It is recommended that all input and output
power pins be parallel connected for optimum operation.
To increase the noise immunity of the TPS2228/2221
power interface switch, the power supply inputs should
have a minimum of 1
µF electrolytic or tantalum bypass
capacitor connected in parallel with a 0.047
µF to 0.1 µF
ceramic capacitor. It is strongly recommended that the
switched outputs be bypassed with a 0.1
µF or larger
ceramic capacitor. Doing so improves the immunity of the
TPS2228/2221 power interface switch to electrostatic
discharge (ESD). Care should be taken to minimize the
inductance of PCB traces between the TPS2228/2221
power interface switch and the load.
RESET
To ensure that cards are in a known state after power
brownouts or system initialization, the PC cards should be
reset at the same time via the host, by applying low
impedance paths from VCC and VPP/VCORE terminals to
ground. A low-impedance output state allows discharging
of
residual
voltage
remaining
on
PC
card
filter
capacitance, permitting the system (host and PC cards) to
be powered up concurrently. The active low RESET input
will program all outputs to 0 V. The TPS2228 power
interface switch remains in the low-impedance output
state until the signal is deasserted and new data is
received. For the TPS2228, the input serial data cannot be
latched during reset mode.
CALCULATING JUNCTION TEMPERATURE
The switch resistance, rDS(on), is dependent on the
junction temperature, TJ, of the die. The junction
temperature is dependent on both rDS(on) and the current
through the switch. To calculate TJ, first find rDS(on) from
Figures 10 through 14 using an initial temperature
estimate about 50
°C above ambient. Then calculate the
power dissipation for each switch, using the formula:
P
D +
r
DS(on)
I2
Next, sum the power dissipation and calculate the junction
temperature:
T
J + S
P
D
RqJA ) TA
Where RθJA is the inverse of the derating factor in the
dissipation rating table.
Compare the calculated junction temperature with the
initial temperature estimate. If the temperatures are not
within a few degrees of each other, recalculate using the
calculated temperature as the initial estimate.
LOGIC INPUTS AND OUTPUTS
For the TPS2228, the serial interface consists of DATA,
CLOCK, and LATCH signals. The data is clocked in on the
positive leading edge of the clock (see Figure 2). The 11-bit
(D0–D10) serial data word is loaded during the positive
edge of the latch signal. The latch signal should occur
before the next positive leading edge of the clock.
The serial interface of the TPS2228 power interface switch
is designed to be compatible with serial-interface PCMCIA
controllers and current PCMCIA and Japan Electronic
Industry Development Association (JEIDA) standards.
For the TPS2221, the parallel interface consists of four bits
(D3:D0). These four bits must be driven continuously to
select the desired voltage outputs based on the input bit
pattern. During power up, these inputs can be connected
to an external pulldown resistor to ensure that the outputs
are at zero volts, especially if the device driving these
inputs is in a high impedance state while initializing.
An overcurrent output (OC) is provided to indicate an
overcurrent or over-temperature condition in any of the
VCC and VPP/VCORE outputs as previously discussed.
ESD PROTECTION
All TPS2228/2221 power interface switch inputs and
outputs incorporate ESD-protection circuitry designed to
withstand a 2-kV human-body-model discharge as defined
in MIL-STD-883C, Method 3015. The VCC and VPP/
VCORE outputs can be exposed to potentially higher
discharges from the external environment through the PC
card connector. Bypassing the outputs with 0.1-
µF
capacitors protects the devices from discharges up to
10 kV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com