Electronic Components Datasheet Search
  English  ▼

X  

TPS2221 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2221
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2221 Datasheet HTML 9Page - Texas Instruments TPS2221 Datasheet HTML 10Page - Texas Instruments TPS2221 Datasheet HTML 11Page - Texas Instruments TPS2221 Datasheet HTML 12Page - Texas Instruments TPS2221 Datasheet HTML 13Page - Texas Instruments TPS2221 Datasheet HTML 14Page - Texas Instruments TPS2221 Datasheet HTML 15Page - Texas Instruments TPS2221 Datasheet HTML 16Page - Texas Instruments TPS2221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002 REVISED SEPTEMBER 2002
www.ti.com
13
PARAMETER MEASUREMENT INFORMATION
Terminal Functions (Dual-Serial)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
2228
(DB–30)
2228
(PWP–20)
I/O
DESCRIPTION
1.8VIN
6, 28
5, 19
I
1.8-V input for card power (xVPP/VCORE).
Pins 6 and 28 must be connected together externally.
3.3VIN
15, 16,
17
11, 12
I
3.3-V input for card power (xVCC and xVPP/Vcore) and chip power (3.3VIN must be
connected to a voltage source for the device to operate)
5VIN
1, 2, 30
1, 20
I
5-V input for card power (xVCC and xVPP/Vcore)
AVCC
9, 10, 11
7, 8
O
Switched output that delivers 0 V, 3.3 V, 5 V, or high impedance to card
AVPP/VCORE
8
6
O
Switched output that delivers 0 V, 1.8 V, 3.3 V, 5 V, or high impedance to card
BVCC
20, 21,
22
14, 15
O
Switched output that delivers 0 V, 3.3 V, 5 V, or high impedance to card
BVPP/VCORE
23
17
O
Switched output that delivers 0 V, 1.8 V, 3.3 V, 5 V, or high impedance to card
CLOCK
4
3
I
Logic-level clock for serial data word
DATA
3
2
I
Logic-level serial data word
GND
12
9
Ground
LATCH
5
4
I
Logic-level latch for serial data word, an internal pulldown is provided
NC
7,13,19,
24, 26,
27, 29
16
No internal connection
OC
18
13
O
Open-drain output that is asserted low when an overcurrent condition exists.
RESET
14
10
I
Logic-level RESET input. Asynchronous command active low. An internal pullup is provided.
When active, all line switches are off and all the output discharge switches are on.
SHDN
25
18
I
Hi-Z (open) all switches. Identical function to serial shutdown with D8=0. Asynchronous com-
mand active low. An internal pullup is provided.
Terminal Functions (Single – Parallel)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
2221
(PWP–14)
I/O
DESCRIPTION
1.8VIN
10
I
1.8-V input for card power (VPP/VCORE)
3.3VIN
3
I
3.3-V input for card power (VCC and VPP/Vcore) and chip power (3.3VIN must be connected to a voltage
source for the device to operate)
5VIN
6
I
5-V input for card power (VCC and VPP/Vcore)
GND
7
Ground
OC
9
O
Open-drain output that is asserted low when an overcurrent condition exists.
SHDN_RST
8
I
Hi-Z (open) all switches. Identical function to serial shutdown mode by parallel data VD (3:0).
Asynchronous command active low. An internal pullup is provided.
VCC
4, 5
O
Switched output that delivers 0 V, 3.3 V, 5 V, or high impedance to card
VD0
2
I
Parallel control signal 0 (see Table 2. TPS2221 Control Logic)
VD1
1
I
Parallel control signal 1 (see Table 2. TPS2221 Control Logic)
VD2
14
I
Parallel control signal 2 (see Table 2. TPS2221 Control Logic)
VD3
13
I
Parallel control signal 3 (see Table 2. TPS2221 Control Logic)
VPP/VCORE
11, 12
O
Switched output that delivers 0 V, 1.8 V, 3.3 V, 5 V, or high impedance to card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com