Electronic Components Datasheet Search
  English  ▼

X  

TPS2221 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS2221
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2221 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2221 Datasheet HTML 1Page - Texas Instruments TPS2221 Datasheet HTML 2Page - Texas Instruments TPS2221 Datasheet HTML 3Page - Texas Instruments TPS2221 Datasheet HTML 4Page - Texas Instruments TPS2221 Datasheet HTML 5Page - Texas Instruments TPS2221 Datasheet HTML 6Page - Texas Instruments TPS2221 Datasheet HTML 7Page - Texas Instruments TPS2221 Datasheet HTML 8Page - Texas Instruments TPS2221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002 REVISED SEPTEMBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 100°C, VI(5VIN) = 5 V, VI(3.3VIN) = 3.3 V, VI(1.8VIN) = 1.8 V, all outputs unloaded (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SWITCH
3.3VIN to XVCC with two switches on
TJ = 25°C, I = 750 mA each
72
95
m
Ω
3.3VIN to XVCC with two switches on
for dual
TJ = 100°C, I = 750 mA each
120
m
Ω
5VIN to XVCC with two switches on
TJ = 25°C, I = 500 mA each
97
125
m
Ω
5VIN to XVCC with two switches on
for dual
TJ = 100°C, I = 500 mA each
160
m
Ω
Switch resistance
1.8VIN to XVPP/VCORE with two
TJ = 25°C, I = 375 mA each
69
95
m
Ω
Switch resistance
1.8VIN to XVPP/VCORE with two
switches on for dual
TJ = 100°C, I = 375 mA each
120
m
Ω
3.3VIN to XVPP/VCORE with two
TJ = 25°C, I = 250 mA each
196
260
m
Ω
3.3VIN to XVPP/VCORE with two
switches on for dual
TJ = 100°C, I = 250 mA each
325
m
Ω
5VIN to XVPP/VCORE with two
TJ = 25°C, I = 100 mA each
0.9
1.3
Ω
5VIN to XVPP/VCORE with two
switches on for dual
TJ = 100°C, I = 100 mA each
1.6
Ω
RO(XVCC) discharge resistance
Idischarge = 1 mA
0.1
0.5
k
Ω
RO(XVPP/VCORE) discharge resistance
Idischarge = 1 mA
0.1
0.5
k
Ω
IO(XVCC)
Limit
(limit is
th
t
d
TJ at 25°C, output powered into a short
1
1.5
A
I
Short circuit
IO(XVCC)
3.3VIN or 5VIN to XVCC
(
the steady
state
value.)
TJ [–40, 100°C], output powered into a short
1
2.5
A
IOS Short-circuit
output current(1)
IO(XVPP/VCORE)
Limit
TJ at 25°C, output powered into a short
120
175
mA
output current(1)
IO(XVPP/VCORE)
5VIN to XVPP/VCORE
Limit
TJ [–40, 100°C], output powered into a short
120
300
mA
IO(XVPP/VCORE)
1 8VIN or 3 3VIN to
Limit
TJ at 25°C, output powered into a short
500
680
mA
1.8VIN or 3.3VIN to
XVPP/VCORE
Limit
TJ [–40, 100°C], output powered into a short
500
1250
mA
Trip point T
Rising temperature, not in overcurrent condition
155
165
°C
Thermal shutdown
Trip point, TJ
Overcurrent condition
120
130
°C
Thermal shutdown
Hysteresis
10
VO(xVCC) = 5 V, 100 mΩ short to GND,
TJ = 25°C
10
VO(xVCC) = 3.3 V, 100 mΩ short to GND,
TJ = 25°C
20
Current limit response time(2)(3)
VO(xVPP/VCORE) = 5 V, 100 mΩ short to GND,
TJ = 25°C
2
µs
VO(xVPP/VCORE) = 3.3 V, 100 mΩ short to GND
TJ = 25°C
35
VO(xVPP/VCORE) = 1.8 V, 100 mΩ short to GND,
TJ = 25°C
250
N
l
ti
f
II (3.3VIN)
V
V
V
95
140
Normal operation of
TPS2228
II(5VIN)
VO(xVCC) = VO(xVPP/VCORE) = VI(3.3VIN),
Output pins are floated
5
10
µA
TPS2228
II (1.8VIN)
Output pins are floated
5
µA
I It Q i
t
N
l
ti
f
II (3.3VIN)
V
V
V
64
100
Ii Input Quiescent
current
Normal operation of
TPS2221
II(5VIN)
VO(xVCC) = VO(xVPP/VCORE) = VI(3.3VIN),
Output pins are floated
5
10
µA
current
TPS2221
II (1.8VIN)
Output pins are floated
5
µA
Shutdown mode (based
on control data)
II (3.3VIN)
Ot
t i
fl
td
5
A
VO(xVCC) = Hi-Z
II (5VIN)
Output pins are floated
5
µA
VO(xVPP/VCORE) = Hi-Z
II (1.8VIN)
5
(1) Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
(2) Specified by design, not tested in production.
(3) From application of short to 110% of final current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com