Electronic Components Datasheet Search
  English  ▼

X  

TPS2221 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS2221
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2221 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2221 Datasheet HTML 11Page - Texas Instruments TPS2221 Datasheet HTML 12Page - Texas Instruments TPS2221 Datasheet HTML 13Page - Texas Instruments TPS2221 Datasheet HTML 14Page - Texas Instruments TPS2221 Datasheet HTML 15Page - Texas Instruments TPS2221 Datasheet HTML 16Page - Texas Instruments TPS2221 Datasheet HTML 17Page - Texas Instruments TPS2221 Datasheet HTML 18Page - Texas Instruments TPS2221 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002 REVISED SEPTEMBER 2002
www.ti.com
15
FUNCTIONAL BLOCK DIAGRAM
S5
CS
S1
CS
S4
Control Logic
SHDN
VD2
VD1
VD0
OC
GND
UVLO
POR
Current Limit
Thermal Limit
S2
S3
S6
3.3 V
5 V
VCC
VCC
VPP/VCORE
1.8 V
S7
VD3
SINGLE WITH PARALLEL INTERFACE
VPP/VCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com