Electronic Components Datasheet Search
  English  ▼

X  

TPS2221 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS2221
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2221 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2221 Datasheet HTML 14Page - Texas Instruments TPS2221 Datasheet HTML 15Page - Texas Instruments TPS2221 Datasheet HTML 16Page - Texas Instruments TPS2221 Datasheet HTML 17Page - Texas Instruments TPS2221 Datasheet HTML 18Page - Texas Instruments TPS2221 Datasheet HTML 19Page - Texas Instruments TPS2221 Datasheet HTML 20Page - Texas Instruments TPS2221 Datasheet HTML 21Page - Texas Instruments TPS2221 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
TPS2228
TPS2221
SLVS419A – MAY 2002 REVISED SEPTEMBER 2002
www.ti.com
18
Table 1. TPS2228 Power Interface Switch Control Logic
TPS2228 Serial Interface
xVPP/VCORE
AVPP/VCORE CONTROL SIGNALS
OUTPUT V_AVPP/
BVPP/VCORE CONTROL SIGNALS
OUTPUT V_BVPP/
D8(SHDN)
D0
D1
D9
OUTPUT V_AVPP/
VCORE
D8(SHDN)
D4
D5
D10
OUTPUT V_BVPP/
VCORE
1
0
0
X
0 V
1
0
0
X
0 V
1
0
1
0
3.3 V
1
0
1
0
3.3 V
1
0
1
1
5 V
1
0
1
1
5 V
1
1
0
X
Hi-Z
1
1
0
X
Hi-Z
1
1
1
0
1.8 V
1
1
1
0
1.8 V
1
1
1
1
1.8 V
1
1
1
1
1.8 V
0
X
X
X
Hi-Z
0
X
X
X
Hi-Z
xVCC
AVCC CONTROL SIGNALS
OUTPUT V AVCC
BVCC CONTROL SIGNALS
OUTPUT V BVCC
D8(SHDN)
D3
D2
OUTPUT V_AVCC
D8(SHDN)
D6
D7
OUTPUT V_BVCC
1
0
0
0 V
1
0
0
0 V
1
0
1
3.3 V
1
0
1
3.3 V
1
1
0
5 V
1
1
0
5 V
1
1
1
0 V
1
1
1
0 V
0
X
X
Hi-Z
0
X
X
Hi-Z
Table 2. TPS2221 Control Logic
TPAS2221 SINGLES
D0
D1
D2
D3
VCC
VPP/CORE
0
0
0
0
0 V
0 V
0
0
0
1
Hi-Z
Hi-Z
0
0
1
0
Hi-Z
Hi-Z
0
0
1
1
Hi-Z
Hi-Z
0
1
0
0
3.3 V
0 V
0
1
0
1
3.3 V
3.3 V
0
1
1
0
3.3 V
5 V
0
1
1
1
3.3 V
1.8 V
1
0
0
0
5 V
0 V
1
0
0
1
5 V
3.3 V
1
0
1
0
5 V
5 V
1
0
1
1
5 V
1.8 V
1
1
0
0
Hi-Z
Hi-Z
1
1
0
1
3.3 V
Hi-Z
1
1
1
0
5 V
Hi-Z
1
1
1
1
Hi-Z
Hi-Z
NOTE: VCC = VPP/VCORE = Hi-Z indicates the device is in
shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com