Electronic Components Datasheet Search
  English  ▼

X  

ADS1216 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1216 Datasheet HTML 4Page - Texas Instruments ADS1216 Datasheet HTML 5Page - Texas Instruments ADS1216 Datasheet HTML 6Page - Texas Instruments ADS1216 Datasheet HTML 7Page - Texas Instruments ADS1216 Datasheet HTML 8Page - Texas Instruments ADS1216 Datasheet HTML 9Page - Texas Instruments ADS1216 Datasheet HTML 10Page - Texas Instruments ADS1216 Datasheet HTML 11Page - Texas Instruments ADS1216 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADS1216
8
SBAS171B
TYPICAL CHARACTERISTICS
AVDD = +5V, DVDD = +5V, fOSC = 2.4576MHz, PGA = 1, RDAC = 150kΩ, fDATA = 10Hz, VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
Decimation Ratio =
f
MOD
f
DATA
0
500
1000
1500
2000
PGA4
PGA1
PGA2
PGA16
PGA8
PGA32
PGA64
PGA128
Sinc3 Filter
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Decimation Ratio =
f
MOD
f
DATA
Sinc3 Filter, Buffer ON
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA32
PGA128
PGA16
PGA64
Decimation Ratio =
f
MOD
f
DATA
Sinc2 Filter
22
21
20
19
18
17
16
15
14
13
12
FAST SETTLING FILTER
EFFECTIVE NUMBER OF BITS vs DECIMATION RATIO
0
500
1000
1500
2000
1500
Decimation Ratio =
f
MOD
f
DATA
Fast Settling Filter
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Decimation Ratio =
f
MOD
f
DATA
Sinc3 Filter, V
REF = 1.25V, BUFFER OFF
22
21
20
19
18
17
16
15
14
13
12
EFFECTIVE NUMBER OF BITS
vs DECIMATION RATIO
Decimation Ratio
0
500
1000
1500
2000
PGA4
PGA8
PGA1
PGA2
PGA16
PGA32
PGA64
PGA128
Sinc3 Filter, V
REF = 1.25, BUFFER ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com