Electronic Components Datasheet Search
  English  ▼

X  

ADS1216 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1216 Datasheet HTML 6Page - Texas Instruments ADS1216 Datasheet HTML 7Page - Texas Instruments ADS1216 Datasheet HTML 8Page - Texas Instruments ADS1216 Datasheet HTML 9Page - Texas Instruments ADS1216 Datasheet HTML 10Page - Texas Instruments ADS1216 Datasheet HTML 11Page - Texas Instruments ADS1216 Datasheet HTML 12Page - Texas Instruments ADS1216 Datasheet HTML 13Page - Texas Instruments ADS1216 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADS1216
10
SBAS171B
TYPICAL CHARACTERISTICS (Cont.)
AVDD = +5V, DVDD = +5V, fOSC = 2.4576MHz, PGA = 1, RDAC = 150kΩ, fDATA = 10Hz, VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
250
200
150
100
50
0
CURRENT vs TEMPERATURE
I
DIGITAL
I
ANALOG
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
400
350
300
250
200
150
100
50
0
DIGITAL CURRENT
V
DD (V)
3.0
4.0
5.0
Normal
4.91MHz
SLEEP
4.91MHz
SLEEP
2.45MHz
Power
Down
Normal
2.45MHz
4500
4000
3500
3000
2500
2000
1500
1000
500
0
HISTOGRAM OF OUTPUT DATA
ppm of FS
–2
–1.5
–1
–0.5
0
0.5
1
1.5
2
2.55
2.50
2.45
V
REFOUT vs LOAD CURRENT
V
REFOUT Current Load (mA)
–0.5
0
0.5
1.0
1.5
2.0
2.5
200
170
140
110
80
50
20
–10
–40
–70
–100
OFFSET DAC - OFFSET vs TEMPERATURE
Temperature (
°C)
–50
–30
10
–10
30
50
70
90
900
800
700
600
500
400
300
200
100
0
ADC CURRENT vs PGA
PGA Setting
01
8
24
32
16
128
64
AV
DD = 5V, Buffer = ON
AV
DD = 3V, Buffer = ON
Buffer = OFF
Buffer = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com