Electronic Components Datasheet Search
  English  ▼

X  

ADS1216 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS1216 Datasheet HTML 19Page - Texas Instruments ADS1216 Datasheet HTML 20Page - Texas Instruments ADS1216 Datasheet HTML 21Page - Texas Instruments ADS1216 Datasheet HTML 22Page - Texas Instruments ADS1216 Datasheet HTML 23Page - Texas Instruments ADS1216 Datasheet HTML 24Page - Texas Instruments ADS1216 Datasheet HTML 25Page - Texas Instruments ADS1216 Datasheet HTML 26Page - Texas Instruments ADS1216 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
ADS1216
SBAS171B
SERIAL PERIPHERAL INTERFACE
The Serial Peripheral Interface (SPI), allows a controller to
communicate synchronously with the ADS1216. The
ADS1216 operates in slave only mode.
SPI Transfer Formats
During an SPI transfer, data is simultaneously transmitted
and received. The SCLK signal synchronizes shifting and
sampling of the information on the two serial data lines: DIN
and DOUT. The CS signal allows individual selection of an
ADS1216 device; an ADS1216 with CS HIGH is not active
on the bus.
Clock Phase and Polarity Controls (POL)
The clock polarity is specified by the POL pin, which selects
an active HIGH or active LOW clock, and has no effect on
the transfer format.
Serial Clock (SCLK)
SCLK, a Schmitt Trigger input to the ADS1216, is gener-
ated by the master device and synchronizes data transfer on
the DIN and DOUT lines. When transferring data to or from
the ADS1216, burst mode may be used i.e., multiple bits of
data may be transferred back-to-back with no delay in
SCLKs or toggling of CS.
Chip Select (CS)
The chip select (CS) input of the ADS1216 must be exter-
nally asserted before a master device can exchange data with
the ADS1216. CS must be LOW before data transactions
and must stay LOW for the duration of the transaction.
DIGITAL INTERFACE
The ADS1216’s programmable functions are controlled
using a set of on-chip registers, as outlined previously. Data
is written to these registers via the part’s serial interface and
read access to the on-chip registers is also provided by this
interface.
The ADS1216’s serial interface consists of four signals: CS,
SCLK, DIN, and DOUT. The DIN line is used for transferring
data into the on-chip registers while the DOUT line is used for
accessing data from the on-chip registers. SCLK is the serial
clock input for the device and all data transfers (either on
DIN or DOUT) take place with respect to this SCLK signal.
The DRDY line is used as a status signal to indicate when
data is ready to be read from the ADS1216’s data register.
DRDY goes LOW when a new data word is available in the
DOR register. It is reset HIGH when a read operation from
the data register is complete. It also goes HIGH prior to the
updating of the output register to indicate when not to read
from the device to ensure that a data read is not attempted
while the register is being updated.
CS is used to select the device. It can be used to decode the
ADS1216 in systems where a number of parts are connected
to the serial bus.
The timing specification shows the timing diagram for
interfacing to the ADS1216 with CS used to decode the part.
The ADS1216 serial interface can operate in three-wire
mode by tying the CS input LOW. In this case, the SCLK,
DIN, and DOUT lines are used to communicate with the
ADS1216 and the status of DRDY can be obtained by
interrogating bit 7 of the M/DEC1 register. This scheme is
suitable for interfacing to microcontrollers. If CS is required
as a decoding signal, it can be generated from a port pin.
DEFINITION OF TERMS
Analog Input Voltage—the voltage at any one analog input
relative to AGND.
Analog Input Differential Voltage—given by the following
equation: (IN+ – IN–). Thus, a positive digital output is pro-
duced whenever the analog input differential voltage is posi-
tive, while a negative digital output is produced whenever the
differential is negative.
For example, when the converter is configured with a 2.5V
reference and placed in a gain setting of 1, the positive
full-scale output is produced when the analog input differen-
tial is 2.5V. The negative full-scale output is produced when
the differential is –2.5V. In each case, the actual input
voltages must remain within the AGND to AVDD range.
Conversion Cycle—the term “conversion cycle” usually
refers to a discrete A/D conversion operation, such as that
performed by a successive approximation converter. As
used here, a conversion cycle refers to the tDATA time period.
However, each digital output is actually based on the modu-
lator results from several tDATA time periods.
FILTER SETTING
MODULATOR RESULTS
fast settling
1 tDATA time period
sinc2
2 tDATA time period
sinc3
3 tDATA time period
Data Rate—The rate at which conversions are completed.
See definition for fDATA.
Decimation Ratio—defines the ratio between the output of
the modulator and the output Data Rate. Valid values for the
Decimation Ratio are from 20 to 2047. Larger Decimation
Ratios will have lower noise and vice-versa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com