Electronic Components Datasheet Search
  English  ▼

X  

ADS1216 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1216 Datasheet HTML 10Page - Texas Instruments ADS1216 Datasheet HTML 11Page - Texas Instruments ADS1216 Datasheet HTML 12Page - Texas Instruments ADS1216 Datasheet HTML 13Page - Texas Instruments ADS1216 Datasheet HTML 14Page - Texas Instruments ADS1216 Datasheet HTML 15Page - Texas Instruments ADS1216 Datasheet HTML 16Page - Texas Instruments ADS1216 Datasheet HTML 17Page - Texas Instruments ADS1216 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADS1216
14
SBAS171B
VOLTAGE REFERENCE
The voltage reference used for the ADS1216 can either be
internal or external. The power-up configuration for the
voltage reference is 2.5V internal. The selection for the
voltage reference is made through the status configuration
register.
The internal voltage reference is selectable as either 1.25V
or 2.5V (AVDD = 5V only). The VREFOUT pin should have a
0.1
µF capacitor to AGND.
The external voltage reference is differential and is repre-
sented by the voltage difference between the pins: +VREF
and –VREF. The absolute voltage on either pin (+VREF and
–VREF) can range from AGND to AVDD, however, the
differential voltage must not exceed 2.5V. The differential
voltage reference provides easy means of performing
ratiometric measurement.
VRCAP PIN
This pin provides a bypass cap for noise filtering on internal
VREF circuitry only. The recommended capacitor is a 0.001µF
ceramic cap. If an external VREF is used, this pin can be left
unconnected.
CLOCK GENERATOR
The clock source for the ADS1216 can be provided from a
crystal, ceramic resonator, oscillator, or external clock. When
the clock source is a crystal or ceramic resonator, external
capacitors must be provided to ensure start-up and a stable
clock frequency. This is shown in Figure 4 and Table I.
DIGITAL I/O INTERFACE
The ADS1216 has eight pins dedicated for digital I/O. The
default power-up condition for the digital I/O pins are as
inputs. All of the digital I/O pins are individually configurable
as inputs or outputs. They are configured through the DIR
control register. The DIR register defines whether the pin is an
input or output, and the DIO register defines the state of the
digital output. When the digital I/O are configured as inputs,
DIO is used to read the state of the pin.
SERIAL INTERFACE
The serial interface is standard four-wire SPI compatible (DIN,
DOUT, SCLK, and CS). The ADS1216 also offers the flexibil-
ity to select the polarity of the serial clock through the POL
pin. The serial interface can be clocked up to fOSC/4.
Serial communication can occur independent of DRDY,
DRDY only indicates the validity of data in the data output
register.
DSYNC OPERATION
DSYNC is used to provide for precise synchronization of the
A/D conversion with an external event. Synchronization can
be achieved either through the DSYNC pin or the DSYNC
command. When the DSYNC pin is used, the filter counter
is reset on the falling edge of DSYNC. The filter values are
useless, they should be treated as if the input channel was
changed. The modulator is held in reset until DSYNC is
taken HIGH. Synchronization occurs on the next rising edge
of the system clock after DSYNC is taken HIGH.
When the DSYNC command is sent, the filter counter is
reset on the edge of the last SCLK on the DSYNC command.
The modulator is held in RESET until the next edge of
SCLK is detected. Synchronization occurs on the next rising
edge of the system clock after the first SCLK after the
DSYNC command.
POWER-UP—SUPPLY VOLTAGE RAMP RATE
The power-on reset circuitry was designed to accommodate
digital supply ramp rates as slow as 1V/10ms. To ensure
proper operation, the power supply should ramp monotoni-
cally.
RESET
There are three methods of reset. The RESET pin, SCLK
pattern, and the RESET command. They all perform the
same function. The Power ON state also issues the RESET
command.
MEMORY
Two types of memory are used on the ADS1216: registers
and RAM. 16 registers directly control the various functions
(PGA, DAC value, Decimation Ratio, etc.) and can be
directly read or written to. Collectively, the registers contain
all the information needed to configure the part, such as data
format, mux settings, calibration settings, decimation ratio,
etc. Additional registers, such as output data, are accessed
through dedicated instructions.
FIGURE 4. Crystal or Ceramic Resonator Connection.
CLOCK
PART
SOURCE
FREQUENCY
C1
C2
NUMBER
Crystal
2.4576
0-20pF
0-20pF
ECS, ECSD 2.45 - 32
Crystal
4.9152
0-20pF
0-20pF
ECS, ECSL 4.91
Crystal
4.9152
0-20pF
0-20pF
ECS, ECSD 4.91
Crystal
4.9152
0-20pF
0-20pF
CTS, MP 042 4M9182
TABLE I. Typical Clock Sources.
C
1
Crystal
or
Ceramic Resonator
X
IN
X
OUT
C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com