Electronic Components Datasheet Search
  English  ▼

X  

ADS1216 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1216 Datasheet HTML 1Page - Texas Instruments ADS1216 Datasheet HTML 2Page - Texas Instruments ADS1216 Datasheet HTML 3Page - Texas Instruments ADS1216 Datasheet HTML 4Page - Texas Instruments ADS1216 Datasheet HTML 5Page - Texas Instruments ADS1216 Datasheet HTML 6Page - Texas Instruments ADS1216 Datasheet HTML 7Page - Texas Instruments ADS1216 Datasheet HTML 8Page - Texas Instruments ADS1216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADS1216
4
SBAS171B
ELECTRICAL CHARACTERISTICS: AVDD = 3V
All specifications TMIN to TMAX, AVDD = +3V, DVDD = +2.7V to 5.25V, fMOD = 19.2kHz, PGA = 1, Buffer ON, RDAC = 75kΩ, fDATA = 10Hz,
VREF ≡ (REF IN+) – (REF IN–) = +1.25V unless otherwise specified.
ADS1216
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT (AIN0 – AIN7, AINCOM)
Analog Input Range
Buffer OFF
AGND – 0.1
AVDD + 0.1
V
Buffer ON
AGND + 0.05
AVDD – 1.5
V
Full-Scale Input Voltage Range
(In+) – (In–) See Block Diagram
±V
REF /PGA
V
Input Impedance
Buffer OFF
5/ PGA
M
Ω
Input Current
Buffer ON
0.5
nA
Bandwidth
Fast Settling Filter
–3dB
0.469 • fDATA
Hz
Sinc2 Filter
–3dB
0.318 • fDATA
Hz
Sinc3 Filter
–3dB
0.262 • fDATA
Hz
Programmable Gain Amplifier
User Selectable Gain Ranges
1
128
Input Capacitance
9pF
Input Leakage Current
Modulator OFF, T = 25
°C5
pA
Burnout Current Sources
2
µA
OFFSET DAC
Offset DAC Range
±V
REF /(2 • PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±10
%
Offset DAC Gain Error Drift
2
ppm/
°C
SYSTEM PERFORMANCE
Resolution
24
Bits
No Missing Codes
sinc3 Filter
24
Bits
Integral Non-Linearity
End Point Fit
±0.0015
% of FS
Offset Error(1)
15
ppm of FS
Offset Drift(1)
0.04
ppm of FS/
°C
Gain Error(1)
0.010
%
Gain Error Drift(1)
1.0
ppm/
°C
Common-Mode Rejection
at DC
100
dB
fCM = 60Hz, fDATA = 10Hz
130
dB
fCM = 50Hz, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
fSIG = 60Hz, fDATA = 60Hz
100
dB
Output Noise
See Typical Characteristics
Power-Supply Rejection
at DC, dB = –20 log(
∆V
OUT /∆VDD)
(2)
75
90
dB
VOLTAGE REFERENCE INPUT
Reference Input Range
REF IN+, REF IN–
0
AVDD
V
VREF
VREF ≡ (REF IN+) – (REF IN–)
0.1
1.25
1.3
V
Common-Mode Rejection
at DC
120
dB
Common-Mode Rejection
fVREFCM = 60Hz, fDATA = 60Hz
120
dB
Bias Current(3)
VREF = 1.25V
0.65
µA
ON-CHIP VOLTAGE REFERENCE
Output Voltage
REF HI = 0
1.2
1.25
1.3
V
Short-Circuit Current Source
3mA
Short-Circuit Current Sink
50
µA
Short-Circuit Duration
Sink or Source
Indefinite
Drift
15
ppm/
°C
Noise
VRCAP = 0.1µF, BW = 0.1Hz to 100Hz
10
µVp-p
Output Impedance
Sourcing 100
µA3
Ω
Startup Time
50
µs
IDAC
Full-Scale Output Current
RDAC = 75kΩ, Range = 1
0.5
mA
RDAC = 75kΩ, Range = 2
1
mA
RDAC = 75kΩ, Range = 3
2
mA
RDAC = 15kΩ, Range = 3
20
mA
Maximum Short-Circuit Current Duration
RDAC = 10kΩ
Indefinite
RDAC = 0Ω
10
Minute
Monotonicity
RDAC = 75kΩ
8
Bits
Compliance Voltage
0AVDD – 1
V
Output Impedance
See Typical Characteristics
PSRR
VOUT = AVDD /2
600
ppm/V
Absolute Error
Individual IDAC
5
%
Absolute Drift
Individual IDAC
75
ppm/
°C
Mismatch Error
Between IDACs, Same Range and Code
0.25
%
Mismatch Drift
Between IDACs, Same Range and Code
15
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com