Electronic Components Datasheet Search
  English  ▼

X  

ADS1216 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS1216 Datasheet HTML 13Page - Texas Instruments ADS1216 Datasheet HTML 14Page - Texas Instruments ADS1216 Datasheet HTML 15Page - Texas Instruments ADS1216 Datasheet HTML 16Page - Texas Instruments ADS1216 Datasheet HTML 17Page - Texas Instruments ADS1216 Datasheet HTML 18Page - Texas Instruments ADS1216 Datasheet HTML 19Page - Texas Instruments ADS1216 Datasheet HTML 20Page - Texas Instruments ADS1216 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
ADS1216
SBAS171B
ODAC (Address 05H) Offset DAC Setting
Reset Value = 00H
bit 7
Offset Sign
0 = Positive
1 = Negative
bit 6-0 Offset =
NOTE: The offset must be used after calibration or the
calibration will notify the effects.
DIO (Address 06H) Digital I/O
Reset Value = 00H
A value written to this register will appear on the digital
I/O pins if the pin is configured as an output in the DIR
register. Reading this register will return the value of the
digital I/O pins.
DIR (Address 07H) Direction control for digital I/O
Reset Value = FFH
Each bit controls whether the Digital I/O pin is an output
(= 0) or input (= 1). The default power-up state is as inputs.
DEC0 (Address 08H) Decimation Register
(Least Significant 8 bits)
Reset Value = 80H
The decimation value is defined with 11 bits for a range of
20 to 2047. This register is the least significant 8 bits. The
3 most significant bits are contained in the M/DEC1 register.
The default data rate is 10Hz with a 2.4576MHz crystal.
M/DEC1 (Address 09H) Mode and Decimation Register
Reset Value = 07H
bit 7
DRDY: Data Ready (Read Only)
This bit duplicates the state of the DRDY pin.
bit 6
U/B: Data Format
0 = Bipolar (default)
1 = Unipolar
bit 5-4 SMODE1: SMODE0: Settling Mode
00 = Auto (default)
01 = Fast Settling filter
10 = Sinc2 filter
11 = Sinc3 filter
bit 2-0 DEC10: DEC09: DEC08: Most Significant Bits of
the Decimation Value
OCR0 (Address 0AH) Offset Calibration Coefficient
(Least Significant Byte)
Reset Value = 00H
OCR1 (Address 0BH) Offset Calibration Coefficient
(Middle Byte)
Reset Value = 00H
OCR2 (Address 0CH) Offset Calibration Coefficient
(Most Significant Byte)
Reset Value = 00H
FSR0 (Address 0DH) Full-Scale Register
(Least Significant Byte)
Reset Value = 24H
FSR1 (Address 0EH) Full-Scale Register
(Middle Byte)
Reset Value = 90H
FSR2 (Address 0FH) Full-Scale Register
(Most Significant Byte)
Reset Value = 67H
V
PGA
Code
REF
2
127
•
• 
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SIGN
OSET6
OSET5
OSET4
OSET3
OSET2
OSET1
OSET0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
DIO7
DIO6
DIO5
DIO4
DIO3
DIO2
DIO1
DIO0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
DIR7
DIR6
DIR5
DIR4
DIR3
DIR2
DIR1
DIR0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
DEC07
DEC06
DEC05
DEC04
DEC03
DEC02
DEC01
DEC00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
DRDY
U/B
SMODE1 SMODE0
Reserved
DEC10
DEC09
DEC08
U/B
ANALOG INPUT
DIGITAL OUTPUT
+FS
0x7FFFFF
0
Zero
0x000000
–FS
0x800000
+FS
0xFFFFFF
1
Zero
0x000000
–FS
0x000000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
OCR07
OCR06
OCR05
OCR04
OCR03
OCR02
OCR01
OCR00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
OCR15
OCR14
OCR13
OCR12
OCR11
OCR10
OCR09
OCR08
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
OCR23
OCR22
OCR21
OCR20
OCR19
OCR18
OCR17
OCR16
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
FSR07
FSR06
FSR05
FSR04
FSR03
FSR02
FSR01
FSR00
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
FSR15
FSR14
FSR13
FSR12
FSR011
FSR10
FSR09
FSR08
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
FSR23
FSR22
FSR21
FSR20
FSR019
FSR18
FSR17
FSR16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com