Electronic Components Datasheet Search
  English  ▼

X  

ADS1216 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1216
Description  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1216 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS1216 Datasheet HTML 12Page - Texas Instruments ADS1216 Datasheet HTML 13Page - Texas Instruments ADS1216 Datasheet HTML 14Page - Texas Instruments ADS1216 Datasheet HTML 15Page - Texas Instruments ADS1216 Datasheet HTML 16Page - Texas Instruments ADS1216 Datasheet HTML 17Page - Texas Instruments ADS1216 Datasheet HTML 18Page - Texas Instruments ADS1216 Datasheet HTML 19Page - Texas Instruments ADS1216 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADS1216
16
SBAS171B
ACR (Address 02H) Analog Control Register
Reset Value = 00H
bit 7
BOCS: Burnout Current Source
0 = Disabled (default)
1 = Enabled
IDAC Current =
bit 6-5 IDAC2R1: IDAC2R0: Full-Scale Range Select for
IDAC2
00 = Off (default)
01 = Range 1
10 = Range 2
11 = Range 3
bit 4-3 IDAC1R1: IDAC1R0: Full-Scale Range Select for
IDAC1
00 = Off (default)
01 = Range 1
10 = Range 2
11 = Range 3
bit 2-0 PGA2: PGA1: PGA0: Programmable Gain Ampli-
fier
Gain Selection
000 = 1 (default)
001 = 2
010 = 4
011 = 8
100 = 16
101 = 32
110 = 64
111 = 128
IDAC1 (Address 03H) Current DAC 1
Reset Value = 00H
The DAC code bits set the output of DAC1 from 0 to full-
scale. The value of the full-scale current is set by this Byte,
VREF, RDAC, and the DAC1 range bits in the ACR register.
IDAC2 (Address 04H) Current DAC 2
Reset Value = 00H
The DAC code bits set the output of DAC2 from 0 to full-
scale. The value of the full-scale current is set by this Byte,
VREF, RDAC, and the DAC2 range bits in the ACR register.
DETAILED REGISTER DEFINITIONS
SETUP (Address 00H) Setup Register
Reset Value = iii01110
bit 7-5 Factory Programmed Bits
bit 4
SPEED: Modulator Clock Speed
0 : fMOD = fOSC /128 (default)
1 : fMOD = fOSC /256
bit 3
REF EN: Internal Voltage Reference Enable
0 = Internal Voltage Reference Disabled
1 = Internal Voltage Reference Enabled (default)
bit 2
REF HI: Internal Reference Voltage Select
0 = Internal Reference Voltage = 1.25V
1 = Internal Reference Voltage = 2.5V (default)
bit 1
BUF EN: Buffer Enable
0 = Buffer Disabled
1 = Buffer Enabled (default)
bit 0
BIT ORDER: Set Order Bits are Transmitted
0 = Most Significant Bit Transmitted First (default)
1 = Least Significant Bit Transmitted First
Data is always shifted into the part most significant
bit first. Data is always shifted out of the part most
significant byte first. This configuration bit only
controls the bit order within the byte of data that is
shifted out.
MUX (Address 01H) Multiplexer Control Register
Reset Value = 01H
bit 7-4 PSEL3: PSEL2: PSEL1: PSEL0: Positive Channel
Select
0000 = AIN0 (default)
0001 = AIN1
0010 = AIN2
0011 = AIN3
0100 = AIN4
0101 = AIN5
0110 = AIN6
0111 = AIN7
1xxx = AINCOM (except when all bits are 1’s)
1111 = Temperature Sensor Diode Anode
bit 3-0 NSEL3: NSEL2: NSEL1: NSEL0: Negative Chan-
nel Select
0000 = AIN0
0001 = AIN1 (default)
0010 = AIN2
0011 = AIN3
0100 = AIN4
0101 = AIN5
0110 = AIN6
0111 = AIN7
1xxx = AINCOM (except when all bits are 1’s)
1111 = Temperature Sensor Diode Cathode Analog GND
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
ID
ID
ID
SPEED
REF EN
REF HI
BUF EN BIT ORDER
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
PSEL3
PSEL2
PSEL1
PSEL0
NSEL3
NSEL2
NSEL1
NSEL0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
BOCS
IDAC2R1 IDAC2R0 IDAC1R1
IDAC1R0
PGA2
PGA1
PGA0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
IDAC1_7
IDAC1_6
IDAC1_5 IDAC1_4
IDAC1_3 IDAC1_2
IDAC1_1
IDAC1_0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
IDAC2_7
IDAC2_6
IDAC2_5 IDAC2_4
IDAC1_3 IDAC1_2
IDAC1_1
IDAC1_0
V
R
DAC Code
REF
DAC
RANGE
8
2
1
•

()
()
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com